Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T315Y Datasheet(PDF) 11 Page - STMicroelectronics

Part # M41T315Y
Description  Serial access phantom RTC supervisor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T315Y Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M41T315Y_07 Datasheet HTML 7Page - STMicroelectronics M41T315Y_07 Datasheet HTML 8Page - STMicroelectronics M41T315Y_07 Datasheet HTML 9Page - STMicroelectronics M41T315Y_07 Datasheet HTML 10Page - STMicroelectronics M41T315Y_07 Datasheet HTML 11Page - STMicroelectronics M41T315Y_07 Datasheet HTML 12Page - STMicroelectronics M41T315Y_07 Datasheet HTML 13Page - STMicroelectronics M41T315Y_07 Datasheet HTML 14Page - STMicroelectronics M41T315Y_07 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
M41T315Y, M41T315V, M41T315W
Operation
11/30
2.1
Non-volatile supervisor operation
A switch is provided to direct power from the battery input or VCCI to VCCO with a maximum
voltage drop of 0.3 Volts. The VCCO output pin is used to supply uninterrupted power to
CMOS SRAM. The M41T315Y/V/W safeguards the clock and RAM data by power-fail
detection and write protection.
Power-fail detection occurs when VCCI falls below VPFD which is set by an internal bandgap
reference. The M41T315Y/V/W constantly monitors the VCCI supply pin. When VCCI is less
than VPFD, power-fail circuitry forces the chip enable output (CEO) to VCCI or VBAT-0.2 volts
for external RAM write protection. During nominal supply conditions, CEO will track CEI with
a propagation delay. Internally, the M41T315Y/V/W aborts any data transfer in progress
without changing any of the device registers and prevents future access until VCCI exceeds
VPFD. Figure 5 on page 9 illustrates a typical RAM/clock interface.
Figure 6.
Read mode waveforms
Table 2.
Operating modes
Mode
VCC
CEI
OE
WE
DQ
Power
Deselect
4.5 to 5.5V
or
3.0 to 3.6V
or
2.7 to 3.3V
VIH
X
X
Hi-Z
Hi-Z
Standby
WRITE
VIL
XVIL
DIN
Hi-Z
Active
READ
VIL
VIL
VIH
Hi-Z
DOUT
Active
READ
VIL
VIH
VIH
Hi-Z
Hi-Z
Active
Deselect
VSO to VPFD (min)
(1)
X
X
X
Hi-Z
Hi-Z
CMOS standby
Deselect
≤ VSO(1)
X
X
X
Hi-Z
Hi-Z
Battery back-up mode
1.
See Table 11 on page 21 for details.
DATA OUTPUT VALID
WE
CEI
OE
Q
tCW
tCO
tRC
tOW
tCOE
tODO
tRR
tOD
tOE
tOEE
AI04259


Similar Part No. - M41T315Y_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T315Y-65MH6E STMICROELECTRONICS-M41T315Y-65MH6E Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
M41T315Y-65MH6F STMICROELECTRONICS-M41T315Y-65MH6F Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
M41T315Y-65MH6TR STMICROELECTRONICS-M41T315Y-65MH6TR Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
M41T315Y-65MQ6E STMICROELECTRONICS-M41T315Y-65MQ6E Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
M41T315Y-65MQ6F STMICROELECTRONICS-M41T315Y-65MQ6F Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
More results

Similar Description - M41T315Y_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T315Y STMICROELECTRONICS-M41T315Y Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
M41T80 STMICROELECTRONICS-M41T80 Datasheet
122Kb / 20P
   SERIAL ACCESS RTC WITH ALARMS
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
   Serial access real-time clock (RTC) with alarms
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
   3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4845 TI-BQ4845 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845 TI1-BQ4845_14 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com