Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

308E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 308E
Description  GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

308E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  308E Datasheet HTML 1Page - Hittite Microwave Corporation 308E Datasheet HTML 2Page - Hittite Microwave Corporation 308E Datasheet HTML 3Page - Hittite Microwave Corporation 308E Datasheet HTML 4Page - Hittite Microwave Corporation 308E Datasheet HTML 5Page - Hittite Microwave Corporation 308E Datasheet HTML 6Page - Hittite Microwave Corporation 308E Datasheet HTML 7Page - Hittite Microwave Corporation 308E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
5
5 - 2
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC308 / 308E
GENERAL PURPOSE 100 mW GaAs
MMIC AMPLIFIER, 0.8 - 3.8 GHz
v05.1107
General Description
Features
Functional Diagram
The HMC308 & HMC308E are low cost MESFET
MMIC amplifiers that operate from a single +3 to
+5V supply from 0.8 to 3.8 GHz. The surface mount
SOT26 amplifier can be used as a broadband ampli-
fier stage or used with external matching for opti-
mized narrow band applications. With Vdd biased at
+5V, the HMC308 & HMC308E offers 18 dB of gain
and +20 dBm of saturated output power while requir-
ing only 53 mA of current. This amplifier is ideal as
a driver amplifier for transmitters or for use as a
local oscillator (LO) amplifier to increase drive levels
for passive mixers. The amplifier occupies 0.014 in2
(9 mm2), making it ideal for compact radio designs.
Gain: 18 dB
P1dB Output Power: +17 dBm@ +5V
Single Supply: +3V or +5V
No External Components
Integrated DC Blocks
Ultra Small Package: SOT26
Electrical Specifications, T
A = +25° C, as a function of Vdd
Typical Applications
Broadband or Narrow Band Applications:
• Cellular/PCS/3G
• Fixed Wireless & Telematics
• Cable Modem Termination Systems
• WLAN, Bluetooth & RFID
Parameter
Vdd = +3V
Vdd = +5V
Vdd = +5V
Vdd = +5V
Units
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Frequency Range
2.3 - 2.7
0.8 - 2.3
2.3 - 2.7
2.7 - 3.8
GHz
Gain
13
15.5
14
18
13
16
10
13
dB
Gain Variation over Temperature
0.025
0.035
0.025
0.035
0.025
0.035
0.025
0.035
dB/°C
Input Return Loss
11
8
11
13
dB
Output Return Loss
17
13
12
13
dB
Output Power for 1 dB
Compression (P1dB)
12
14
14
17
13.5
16.5
12
15
dBm
Saturated Output Power (Psat)
17
20
19.5
17
dBm
Output Third Order Intercept (IP3)
23
26
27
30
26
29
24
27
dBm
Noise Figure
7
7.5
7
7
dB
Supply Current (Idd)
50
53
53
53
mA


Similar Part No. - 308E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
308E HITTITE-308E Datasheet
252Kb / 6P
   GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
More results

Similar Description - 308E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC308 HITTITE-HMC308 Datasheet
261Kb / 8P
   GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
HMC308 HITTITE-HMC308_09 Datasheet
252Kb / 6P
   GENERAL PURPOSE 100 mW GaAs MMIC AMPLIFIER, 0.8 - 3.8 GHz
HMC278MS8G HITTITE-HMC278MS8G_01 Datasheet
252Kb / 6P
   100 mW MEDIUM POWER GaAs MMIC AMPLIFIER, 1.7 - 3.0 GHz
HMC333 HITTITE-HMC333 Datasheet
249Kb / 6P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC450QS16G HITTITE-HMC450QS16G Datasheet
387Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
HMC450QS16G HITTITE-HMC450QS16G_09 Datasheet
282Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 0.8 - 1.0 GHz
HMC333 HITTITE-HMC333_08 Datasheet
224Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC333 HITTITE-HMC333_06 Datasheet
337Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 3.0 - 3.8 GHz
HMC491LP3 HITTITE-HMC491LP3 Datasheet
233Kb / 8P
   GaAs MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.4 - 3.8 GHz
HMC353MS8 HITTITE-HMC353MS8 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 0.8 - 1.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com