Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBM29LV320BE Datasheet(PDF) 11 Page - SPANSION

Part # MBM29LV320BE
Description  FLASH MEMORY
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29LV320BE Datasheet(HTML) 11 Page - SPANSION

Back Button MBM29LV320BE Datasheet HTML 7Page - SPANSION MBM29LV320BE Datasheet HTML 8Page - SPANSION MBM29LV320BE Datasheet HTML 9Page - SPANSION MBM29LV320BE Datasheet HTML 10Page - SPANSION MBM29LV320BE Datasheet HTML 11Page - SPANSION MBM29LV320BE Datasheet HTML 12Page - SPANSION MBM29LV320BE Datasheet HTML 13Page - SPANSION MBM29LV320BE Datasheet HTML 14Page - SPANSION MBM29LV320BE Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
Retired Product
 DS05-20894-5E_July 31, 2007
MBM29LV320TE/BE80/90/10
11
■ DEVICE BUS OPERATION
MBM29LV320TE/BE User Bus Operations Table (BYTE
= VIH)
Legend : L
= VIL, H = VIH, X = VIL or VIH,
= Pulse input. See “
■DC CHARACTERISTICS” for voltage levels.
*1: Manufacturer and device codes are accessed via a command register write sequence. See “MBM29LV320TE/
BE Command Definitions Table”.
*2: See the section on “7. Sector Group Protection” in
■FUNCTIONAL DESCRIPTION.
*3: WE can be VIL if OE is VIL, OE at VIH initiates the write operations.
*4: VCC
= 3.3 V ± 10%
*5: Also used for the extended sector group protection.
*6: Conditional exceptions are to be noticed as follows: For MBM29LV320TE (SA22, 23) , WP/ACC
= VIH.
For MBM29LV320BE (SA0, 1) , WP/ACC
= VIH.
Operation
CE
OE WE
A0
A1
A6
A9
DQ15 to
DQ0
RESET
WP/
ACC
Auto-Select Manufacturer Code *1
L
L
H
LLL
VID
Code
H
X
Auto-Select Device Code *1
LL
H
H
L
L
VID
Code
H
X
Extended Auto-Select Device Code *1
LL
H
H
H
L
VID
Code
H
X
Read *3
LL
H
A0
A1
A6
A9
DOUT
HX
Standby
H
X
X
X
X
X
X
High-Z
H
X
Output Disable
L
H
H
X
X
X
X
High-Z
H
X
Write (Program/Erase)
L
H
L
A0
A1
A6
A9
DIN
HX
Enable Sector Group Protection *2, *4
LVID
LHL
VID
XH
X *6
Verify Sector Group Protection *2, *4
LL
H
L
H
L
VID
Code
H
X *6
Temporary Sector Group Unprotection *5
XXX
XX
XX
X
VID
X *6
Reset (Hardware) /Standby
X
X
X
X
X
X
X
High-Z
L
X
Boot Block Sector Write Protection
X
X
X
X
X
X
X
X
X
L


Similar Part No. - MBM29LV320BE

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MBM29LV320BE FUJITSU-MBM29LV320BE Datasheet
877Kb / 64P
   32 M (4 M X 8/2 M X 16) BIT
MBM29LV320BE10 FUJITSU-MBM29LV320BE10 Datasheet
877Kb / 64P
   32 M (4 M X 8/2 M X 16) BIT
MBM29LV320BE10PBT FUJITSU-MBM29LV320BE10PBT Datasheet
877Kb / 64P
   32 M (4 M X 8/2 M X 16) BIT
MBM29LV320BE10TN FUJITSU-MBM29LV320BE10TN Datasheet
877Kb / 64P
   32 M (4 M X 8/2 M X 16) BIT
MBM29LV320BE10TR FUJITSU-MBM29LV320BE10TR Datasheet
877Kb / 64P
   32 M (4 M X 8/2 M X 16) BIT
More results

Similar Description - MBM29LV320BE

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
KM29V32000T SAMSUNG-KM29V32000T Datasheet
1Mb / 26P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com