Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

313E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 313E
Description  GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

313E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  313E Datasheet HTML 1Page - Hittite Microwave Corporation 313E Datasheet HTML 2Page - Hittite Microwave Corporation 313E Datasheet HTML 3Page - Hittite Microwave Corporation 313E Datasheet HTML 4Page - Hittite Microwave Corporation 313E Datasheet HTML 5Page - Hittite Microwave Corporation 313E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5
5 - 28
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC313 / 313E
General Description
Features
The
HMC313
&
HMC313E
are
GaAs
InGaP
Heterojunction
Bipolar
Transistor
(HBT)
MMIC
amplifiers that operate from a single Vcc supply. The
surface mount SOT26 amplifier can be used as a
broadband gain stage or used with external matching
for optimized narrow band applications.
With Vcc
biased at +5V, the HMC313 & HMC313E offers 17 dB
of gain and +15 dBm of saturated power while only
requiring 50 mA of current.
P1dB Output Power: +14 dBm
Output IP3: +27 dBm
Gain: 17 dB
Single Supply: +5V
High Reliability GaAs HBT Process
Ultra Small Package: SOT26
Included in the HMC-DK001 Designer’s Kit
Ideal as a Driver & Amplifier for:
• 2.2 - 2.7 GHz MMDS
• 3.5 GHz Wireless Local Loop
• 5.0 - 6.0 GHz UNII & HiperLAN
Electrical Specifications, T
A = +25 °C, Vcc = +5.0V
Parameter
Vcc = +5V
Units
Min.
Typ.
Max.
Frequency Range
DC - 6
GHz
Gain
14
17
20
dB
Gain Variation Over Temperature
0.02
0.03
dB/°C
Input Return Loss
7dB
Output Return Loss
6dB
Reverse Isolation
30
dB
Output Power for 1 dB Compression (P1dB) @ 1.0 GHz
11
14
dBm
Saturated Output Power (Psat) @ 1.0 GHz
15
dBm
Output Third Order Intercept (IP3) @ 1.0 GHz
24
27
dBm
Noise Figure
6.5
dB
Supply Current (Icc)
50
mA
Note: Data taken with broadband bias tee on device output.
Functional Diagram
Typical Applications
GaAs InGaP HBT MMIC BROADBAND
AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
v04.0307


Similar Part No. - 313E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
313E HITTITE-313E Datasheet
215Kb / 6P
   GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6 GHz
logo
HellermannTyton.
313E445 HELLERMANNTYTON-313E445 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
313E447 HELLERMANNTYTON-313E447 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
313E455 HELLERMANNTYTON-313E455 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
313E457 HELLERMANNTYTON-313E457 Datasheet
2Mb / 70P
   NorthAmericanProductGuide
More results

Similar Description - 313E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC313 HITTITE-HMC313 Datasheet
205Kb / 6P
   GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6.0 GHz
logo
Analog Devices
HMC313 AD-HMC313_18 Datasheet
1Mb / 6P
   GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC
logo
Hittite Microwave Corpo...
HMC313 HITTITE-HMC313_09 Datasheet
215Kb / 6P
   GaAs InGaP HBT MMIC BROADBAND AMPLIFIER GAIN BLOCK, DC - 6 GHz
HMC311ST89 HITTITE-HMC311ST89 Datasheet
248Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC311LP3 HITTITE-HMC311LP3 Datasheet
264Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC311ST89 HITTITE-HMC311ST89_06 Datasheet
350Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
logo
Mimix Broadband
CGB7001-BD MIMIX-CGB7001-BD_07 Datasheet
604Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7007-BD MIMIX-CGB7007-BD Datasheet
435Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7012-BD MIMIX-CGB7012-BD Datasheet
492Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
CGB7015-BD MIMIX-CGB7015-BD Datasheet
197Kb / 7P
   DC-6.0 GHz InGaP HBT MMIC Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com