Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

321LP4E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 321LP4E
Description  GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

321LP4E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  321LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 321LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 321LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 321LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 321LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 321LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8
8 - 161
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Third Order Intercept Point
Return Loss
0.1 and 1 dB Input Compression Point
Insertion Loss vs. Temperature
Isolation
HMC321LP4 / 321LP4E
GaAs MMIC SP8T NON-REFLECTIVE
POSITIVE CONTROL SWITCH, DC* - 8.0 GHz
v03.0805
-5
-4
-3
-2
-1
0
01
23
456
7
8
9
+25 C
-40 C
+85 C
FREQUENCY (GHz)
30
35
40
45
50
1
234
567
8
FREQUENCY (GHz)
10
15
20
25
30
1
234
567
8
0.1db Compression Point
1dB Compression Point
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
01
23
456
7
8
9
RFC
RF1-8 ON
RF1-8 OFF
FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
01
23
456
7
8
9
RF1
RF2
RF3
RF4
RF5
RF6
RF7
RF8
FREQUENCY (GHz)


Similar Part No. - 321LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
321LP4E HITTITE-321LP4E Datasheet
264Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8 GHz
More results

Similar Description - 321LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC321LP4 HITTITE-HMC321LP4 Datasheet
253Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
HMC322LP4 HITTITE-HMC322LP4_06 Datasheet
361Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC322LP4 HITTITE-HMC322LP4 Datasheet
265Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
logo
Analog Devices
HMC321ALP4E AD-HMC321ALP4E Datasheet
868Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8 GHz
logo
Hittite Microwave Corpo...
HMC321LP4 HITTITE-HMC321LP4_08 Datasheet
264Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC* - 8 GHz
HMC345LP3 HITTITE-HMC345LP3 Datasheet
205Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
logo
Analog Devices
HMC322ALP4E AD-HMC322ALP4E Datasheet
555Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
logo
Hittite Microwave Corpo...
HMC253QS24 HITTITE-HMC253QS24 Datasheet
207Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC253LC4 HITTITE-HMC253LC4 Datasheet
272Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC253QS24 HITTITE-HMC253QS24_07 Datasheet
182Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com