Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC322 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC322
Description  GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC322 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC322 Datasheet HTML 1Page - Hittite Microwave Corporation HMC322 Datasheet HTML 2Page - Hittite Microwave Corporation HMC322 Datasheet HTML 3Page - Hittite Microwave Corporation HMC322 Datasheet HTML 4Page - Hittite Microwave Corporation HMC322 Datasheet HTML 5Page - Hittite Microwave Corporation HMC322 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4
4 - 18
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pad Number
Function
Description
Interface Schematic
1 - 7,
12 - 14
RF1, RFC,
RF8 - RF2
These pads are DC coupled and matched to 50 Ohms. Block-
ing capacitors are required if RF line potential is not equal to
0V.
8
A
See truth table and control voltage table.
9
B
See truth table and control voltage table.
10
C
See truth table and control voltage table.
11
Vee
Supply Voltage = -5Vdc ± 10%
Die Bottom
GND
Die bottom must be connected to RF / DC ground.
TTL Interface Circuit (Required for Each Control Input A, B and C)
Note:
Control inputs A, B, and C can be driven directly with TTL
logic with -5 Volts applied to the HCT logic gates Vee pin
and to the Vee pad of the RF Switch.
Pad Descriptions
HMC322
GaAs MMIC SP8T NON-REFLECTIVE
SWITCH, DC - 10.0 GHz
v00.0303


Similar Part No. - HMC322

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC322 HITTITE-HMC322 Datasheet
177Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz
HMC322 HITTITE-HMC322 Datasheet
176Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10 GHz
logo
Micross Components
HMC322 MICROSS-HMC322 Datasheet
822Kb / 9P
   Telecom Infrastructure
logo
Analog Devices
HMC322ALP4E AD-HMC322ALP4E Datasheet
555Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
logo
Hittite Microwave Corpo...
HMC322LP4 HITTITE-HMC322LP4 Datasheet
265Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
More results

Similar Description - HMC322

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC322 HITTITE-HMC322 Datasheet
177Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz
logo
Analog Devices
HMC322ALP4E AD-HMC322ALP4E Datasheet
555Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
logo
Hittite Microwave Corpo...
HMC253QS24 HITTITE-HMC253QS24 Datasheet
207Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC253LC4 HITTITE-HMC253LC4 Datasheet
272Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC253QS24 HITTITE-HMC253QS24_07 Datasheet
182Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC322 HITTITE-HMC322_09 Datasheet
176Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10 GHz
HMC183QS24 HITTITE-HMC183QS24 Datasheet
216Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
HMC322LP4 HITTITE-HMC322LP4_06 Datasheet
361Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC322LP4 HITTITE-HMC322LP4_08 Datasheet
277Kb / 6P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
HMC183QS24 HITTITE-HMC183QS24_08 Datasheet
185Kb / 4P
   GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com