Selected language     English  ▼


NTE2082 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE2082
Description  Integrated Circuit 6−Stage Darlington Transistor Array
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

   
 2 page
background image
Electrical Characteristics: (TA = +25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max Unit
Output Voltage
VOUT(1)
VIN = 3V, IOUT =150mA
1.7
V
VOUT(2)
VIN = 3V, IOUT =100mA
1.4
V
Output Sustain Voltage
VOUT(3)
VIN = open, IOUT = 150mA
Applied time < 10
μs
22
V
Output Leakage Current
Ioff
VIN = 1V, VOUT = 22V
100
μA
Input Current
IIN
VIN = 3V
1
mA
Output Current
IOUT
IIN = 0.3mA, VOUT = 1.4V
100
mA
Input Leakage Current
Ileak
VIN = −35V
−10
μA
Speak Killer Diode Leakage Current
Ileak(s)
VOUT = 0V, Pin 8 = 20V
30
μA
Speak Killer Diode Forward Voltage
VF(S)
IF(3) = 150mA
1.7
V
Pin Connection Diagram
Output 4
Output 1
Input 1
Input 5
Input 4
Output 5
Output 6
Output 2
1
2
3
4
Input 2
Input 3
5
6
Input 6
7
GND
14
13
12
11
Output 3
10
9
8
Common
.600 (15.24)
17
14
8
.300
(7.62)
.200 (5.08)
Max
.100 (2.45)
.099 (2.5) Min
.785 (19.95)
Max




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE2074Integrated Circuit 7−Stage Darlington Transistor Array w/Clamp Diode 1 2 NTE Electronics
NTE2084Integrated Circuit 5−Stage Darlington Transistor Array 1 2 NTE Electronics
NTE917Integrated Circuit Dual Independent Transistor Array Differential Amp 1 2 3 4 NTE Electronics
2N6059_03SILICON NPN POWER DARLINGTON TRANSISTOR 1 2 3 4 STMicroelectronics
UPD12115MOS INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
ULQ2003A-Q1_07HIGH-VOLTAGE HIGH-CRRENT DARLINGTON TRANSISTOR ARRAY 1 2 3 4 5 MoreTexas Instruments
ULN2004AIHIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY 1 2 3 4 5 MoreTexas Instruments
M54530P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63827WP7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M54531P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl