Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M41T315Y-85MQ6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T315Y-85MQ6
Description  Serial access phantom RTC supervisor
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T315Y-85MQ6 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T315Y-85MQ6 Datasheet HTML 1Page - STMicroelectronics M41T315Y-85MQ6 Datasheet HTML 2Page - STMicroelectronics M41T315Y-85MQ6 Datasheet HTML 3Page - STMicroelectronics M41T315Y-85MQ6 Datasheet HTML 4Page - STMicroelectronics M41T315Y-85MQ6 Datasheet HTML 5Page - STMicroelectronics M41T315Y-85MQ6 Datasheet HTML 6Page - STMicroelectronics M41T315Y-85MQ6 Datasheet HTML 7Page - STMicroelectronics M41T315Y-85MQ6 Datasheet HTML 8Page - STMicroelectronics M41T315Y-85MQ6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Not For New Design
This is information on a product still in production but not recommended for new designs.
November 2007
Rev 3
1/30
1
M41T315Y
M41T315V, M41T315W
Serial access phantom RTC supervisor
Features
3.0V, 3.3V, or 5V operating voltage
Real-time clock keeps track of
tenths/hundredths of seconds, seconds,
minutes, hours, days, date of the month,
months, and years
Automatic leap year correction valid up to 2100
Automatic switch-over and deselect circuitry
Choice of power-fail deselect voltages:
(VPFD = power-fail deselect voltage)
–M41T315Y(a): VCC = 4.5 to 5.5V
4.25V
≤ VPFD ≤ 4.50V
–M41T315V: VCC = 3.0 to 3.6V
2.80V
≤ VPFD ≤ 2.97V
–M41T315W: VCC = 2.7 to 3.3V
2.60V
≤ VPFD ≤ 2.70V
No address space required to communicate
with RTC
Provides nonvolatile supervisor functions for
battery backup of SRAM
Full ±10% VCC operating range
Industrial operating temperature range (–40 to
+85°C)
Ultra-low battery supply current of 500nA (max)
Optional packaging includes A 28-lead SOIC
and SNAPHAT® top (to be ordered separately)
SNAPHAT package provides direct connection
for a snaphat top, which contains the battery
and crystal
RoHS compliant
– Lead-free second level interconnect
a.
Contact local ST sales office for availability.
16
1
SO16 (MQ)
SNAPHAT (SH)
battery & crystal
28
1
SOH28 (MH)
www.st.com


Similar Part No. - M41T315Y-85MQ6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T315Y-85MQ6E STMICROELECTRONICS-M41T315Y-85MQ6E Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
M41T315Y-85MQ6F STMICROELECTRONICS-M41T315Y-85MQ6F Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
M41T315Y-85MQ6TR STMICROELECTRONICS-M41T315Y-85MQ6TR Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
More results

Similar Description - M41T315Y-85MQ6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T315Y STMICROELECTRONICS-M41T315Y Datasheet
404Kb / 24P
   Serial Access Phantom RTC Supervisor
M41T80 STMICROELECTRONICS-M41T80 Datasheet
122Kb / 20P
   SERIAL ACCESS RTC WITH ALARMS
M41ST85W STMICROELECTRONICS-M41ST85W_07 Datasheet
369Kb / 41P
   3.0/3.3V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
M41ST85W STMICROELECTRONICS-M41ST85W_06 Datasheet
606Kb / 34P
   3.0/3.3V I2C Combination Serial RTC, NVRAM Supervisor and Microprocessor Supervisor
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
   Serial access real-time clock (RTC) with alarms
M41ST85W STMICROELECTRONICS-M41ST85W_11 Datasheet
450Kb / 43P
   3.0/3.3 V I2C combination serial RTC, NVRAM supervisor and microprocessor supervisor
logo
Texas Instruments
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4845 TI-BQ4845 Datasheet
1Mb / 22P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845 TI1-BQ4845_14 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com