Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AHC16374DGGRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # 74AHC16374DGGRG4
Description  16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AHC16374DGGRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button 74AHC16374DGGRG4 Datasheet HTML 2Page - Texas Instruments 74AHC16374DGGRG4 Datasheet HTML 3Page - Texas Instruments 74AHC16374DGGRG4 Datasheet HTML 4Page - Texas Instruments 74AHC16374DGGRG4 Datasheet HTML 5Page - Texas Instruments 74AHC16374DGGRG4 Datasheet HTML 6Page - Texas Instruments 74AHC16374DGGRG4 Datasheet HTML 7Page - Texas Instruments 74AHC16374DGGRG4 Datasheet HTML 8Page - Texas Instruments 74AHC16374DGGRG4 Datasheet HTML 9Page - Texas Instruments 74AHC16374DGGRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SN54AHC16374, SN74AHC16374
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCLS330G – MARCH 1996 – REVISED JANUARY 2000
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C (see Note 4)
PARAMETER
SN74AHC16374
UNIT
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
0.36
0.8
V
VOL(V)
Quiet output, minimum dynamic VOL
–0.16
–0.8
V
VOH(V)
Quiet output, minimum dynamic VOH
4.6
V
VIH(D)
High-level dynamic input voltage
3.5
V
VIL(D)
Low-level dynamic input voltage
1.5
V
NOTE 4: Characteristics are for surface-mount packages only.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
32
pF


Similar Part No. - 74AHC16374DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AHC16373DGGRE4 TI-74AHC16373DGGRE4 Datasheet
229Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
74AHC16373DGVRE4 TI-74AHC16373DGVRE4 Datasheet
229Kb / 12P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results

Similar Description - 74AHC16374DGGRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC16374 TI-SN54AHC16374 Datasheet
135Kb / 8P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162374 HITACHI-HD74ALVCH162374 Datasheet
55Kb / 12P
   16-bit Edge triggered D-type Flip Flops with 3-state Outputs
logo
Texas Instruments
SN54ABT16374A TI-SN54ABT16374A_08 Datasheet
370Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ACT16374 TI-SN54ACT16374 Datasheet
178Kb / 10P
[Old version datasheet]   16-BIT D-TYPE EDGE-TRIGGERED FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374 Datasheet
113Kb / 7P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
54AC16374 TI-54AC16374_08 Datasheet
350Kb / 11P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AHCT16374 TI-SN54AHCT16374_08 Datasheet
377Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16374A TI-SN54ABT16374A_07 Datasheet
340Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT16374A TI-SN54ABT16374A Datasheet
109Kb / 11P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
54AC16374 TI-54AC16374 Datasheet
187Kb / 9P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com