Electronic Components Datasheet Search |
|
KBU8J Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP. |
|
KBU8J Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP. |
1 / 2 page KBU8A THRU KBU8M Features Mechanical Data · Low Forward Voltage Drop, High Current Capability · Surge Overload Rating to 300A Peak · Ideal for Printed Circuit Board Applications · Case to Terminal Isolation Voltage 1500V · Plastic Material - UL Flammability Classification Rating 94V-0 Maximum Ratings And Electrical Characteristics · Case : Molded Plastic · Terminals : Plated Leads Solderable per MIL-STD-202, Method 208 · Polarity : As Marked on Case · Mounting : Through Hole for #6 Screw · Mounting Torque : 5.0 Inch-pounds Maximum · Weight : 8.0 grams (approx.) · Marking : Type Number (Ratings at 25 ℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive load. For capacitive load, derate by 20%) Notes: (1) Thermal resistance junction to case mounted on heat sink. (2) Non-repetitive, for t > 1.0ms and t < 8.3ms. Peak Repetitive Reverse voltage Working Peak Reverse voltage DC Blocking voltage RMS Reverse voltage Average Rectified Output Current @ TC=100 Non-Repetitive Peak Forward Surge Current, 8.3ms single half-sine-wave superimposed on rated load (JEDEC method) Volts Forward voltage (per element) @ IF=4.0 A VRMM VRWM VR 50 Volts Symbols Units 1.0 VFM VRMS 8.0 Amps 300 IFSM Tj TSTG 1.0 -65 to +150 ℃ Amps Peak Reverse Current at Rated DC Blocking voltage I2t Rating for Fusing (Note 2) Operating and Storage Temperature Range KBU 8A KBU 8B KBU 8D KBU 8G KBU 8J KBU 8K KBU 8M 35 10 373 100 70 200 140 400 280 600 420 800 560 1000 700 Volts μA mA A2S ℃/W Io IRM I2t R θJA @ TC=25 ℃ @ TC=125 ℃ Typical Thermal Resistance, Junction to Case (Note 1) 7.5 ℃ - ~ ~ + B C D H M N P A E L K J G K B U Dim Min Max A 22.70 23.70 10.30 11.30 B 3.80 4.10 4.20 4.70 1.70 2.20 4.50 6.80 4.80 5.80 16.80 25.40 17.80 19.30 6.60 7.10 4.70 5.20 1.20 1.30 C G D H E A ll Dimens ions in mm Dim Min Max K J L M N P CURRENT 8.0 Amperes VOLTAGE 50 to 1000 Volts |
Similar Part No. - KBU8J |
|
Similar Description - KBU8J |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |