Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR24L08-W Datasheet(PDF) 11 Page - Rohm

Part # BR24L08-W
Description  1024횞8 bit electrically erasable PROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24L08-W Datasheet(HTML) 11 Page - Rohm

Back Button BR24L08-W_07 Datasheet HTML 7Page - Rohm BR24L08-W_07 Datasheet HTML 8Page - Rohm BR24L08-W_07 Datasheet HTML 9Page - Rohm BR24L08-W_07 Datasheet HTML 10Page - Rohm BR24L08-W_07 Datasheet HTML 11Page - Rohm BR24L08-W_07 Datasheet HTML 12Page - Rohm BR24L08-W_07 Datasheet HTML 13Page - Rohm BR24L08-W_07 Datasheet HTML 14Page - Rohm BR24L08-W_07 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
BR24L08-W / BR24L08F-W / BR24L08FJ-W
Memory ICs
BR24L08FV-W / BR24L08FVM-W
11/25
Current read
SDA
LINE
S
T
A
R
T
SLAVE
ADDRESS
11
R
/
W
A
C
K
A
C
K
DATA
S
T
O
P
00 A2 P1 P0
D7
D0
R
E
A
D
Fig.10 CURRENT READ CYCLE TIMING
• In case that the previous operation is Random or Current Read (which includes Sequential Read respectively), the
internal address counter is increased by one from the last accessed address (n).
Thus Current Read outputs the data of the next word address (n
+1).
If the last command is Byte or Page Write, the internal address counter stays at the last address (n).
Thus Current Read outputs the data of the word address (n).
• If an Acknowledge is detected, and no STOP condition is generated by the master (µ-COM), the device will continue
to transmit the data.
[ It can transmit all data (8kbit 1024word) ]
• If an Acknowledge is not detected, the device will terminate further data transmissions and await a STOP condition
before returning to the standby mode.
Note) If an Acknowledge is detected with “Low” level, not “High” level, command will become Sequential Read.
So the device transmits the next data, Read is not terminated. In the case of terminating Read, input
Acknowledge with “High” always, then input stop condition.
Random read
SLAVE
ADDRESS
SDA
LINE
S
T
A
R
T
11
0
0 A2 P1 P0
A2A1PS
R
/
W
W
R
I
T
E
Fig.11 RANDOM READ CYCLE TIMING
S
T
O
P
A
C
K
R
E
A
D
DATA(n)
SLAVE
ADDRESS
S
T
A
R
T
R
/
W
A
C
K
11
0
0
D7
D0
WA
0
WA
7
WORD
ADDRESS(n)
A
C
K
A
C
K
• Random read operation allows the master to access any memory location indicated word address.
• If an Acknowledge is detected, and no STOP condition is generated by the master (µ-COM), the device will continue to
transmit the data.
[ It can transmit all data (8kbit 1024word) ]
• If an Acknowledge is not detected, the device will terminate further data transmissions and await a STOP condition
before returning to the standby mode.
Note) If an Acknowledge is detected with “Low” level, not “High” level, command will become Sequential Read.
So the device transmits the next data, Read is not terminated. In the case of terminating Read, input
Acknowledge with “High” always, then input stop condition.


Similar Part No. - BR24L08-W_07

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L08-W ROHM-BR24L08-W Datasheet
388Kb / 25P
   1024횞8 bit electrically erasable PROM
BR24L08-W ROHM-BR24L08-W Datasheet
1Mb / 17P
   I2C BUS Serial EEPROMs
BR24L08-W ROHM-BR24L08-W Datasheet
881Kb / 33P
   I2C BUS Serial EEPROMs
BR24L08-W ROHM-BR24L08-W Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L08-W ROHM-BR24L08-W Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
More results

Similar Description - BR24L08-W_07

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L08-W ROHM-BR24L08-W Datasheet
388Kb / 25P
   1024횞8 bit electrically erasable PROM
BR24L32 ROHM-BR24L32 Datasheet
443Kb / 26P
   4k횞8 bit electrically erasable PROM
BR24L16 ROHM-BR24L16 Datasheet
390Kb / 26P
   2k횞8 bit electrically erasable PROM
BR24L01 ROHM-BR24L01 Datasheet
391Kb / 26P
   128횞8 bit electrically erasable PROM
BR24L02 ROHM-BR24L02 Datasheet
391Kb / 26P
   256x8 bit electrically erasable PROM
BR24L02-W ROHM-BR24L02-W Datasheet
390Kb / 26P
   256횞8 bit electrically erasable PROM
BR34L02FV-W ROHM-BR34L02FV-W Datasheet
529Kb / 25P
   256짰 bit Electrically Erasable PROM
BR24L64-W ROHM-BR24L64-W_1 Datasheet
436Kb / 26P
   8k횞8 bit electrically erasable PROM
BR24L04-W ROHM-BR24L04-W Datasheet
388Kb / 25P
   512횞8 bit electrically erasable PROM
logo
Xicor Inc.
X2402PI XICOR-X2402PI Datasheet
327Kb / 10P
   Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com