Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1533AETJ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1533AETJ
Description  High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1533AETJ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1533AETJ Datasheet HTML 1Page - Maxim Integrated Products MAX1533AETJ Datasheet HTML 2Page - Maxim Integrated Products MAX1533AETJ Datasheet HTML 3Page - Maxim Integrated Products MAX1533AETJ Datasheet HTML 4Page - Maxim Integrated Products MAX1533AETJ Datasheet HTML 5Page - Maxim Integrated Products MAX1533AETJ Datasheet HTML 6Page - Maxim Integrated Products MAX1533AETJ Datasheet HTML 7Page - Maxim Integrated Products MAX1533AETJ Datasheet HTML 8Page - Maxim Integrated Products MAX1533AETJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
High-Efficiency, 5x Output, Main Power-Supply
Controllers for Notebook Computers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 12V, both SMPS enabled, VCC = 5V, FSEL = REF, SKIP = GND, VILIM_ = VLDO5, VINA = 15V, VLDOA = 12V,
ILDO5 = ILDO3 = ILDOA = no load, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Undervoltage-Protection
Trip Threshold
With respect to error-comparator threshold
65
70
75
%
Output Undervoltage Fault-
Propagation Delay
tUVP
50mV overdrive
10
µs
Output Undervoltage-Protection
Blanking Time
tBLANK
From rising edge of ON_
6144 /
fOSC
s
PGOOD Lower Trip Threshold
With respect to error-comparator
threshold, hysteresis = 1%
-14
-10
-7.5
%
PGOOD Propagation Delay
tPGOOD_
Falling edge, 50mV overdrive
10
µs
PGOOD Output Low Voltage
ISINK = 4mA
0.4
V
PGOOD Leakage Current
IPGOOD_
High state, PGOOD forced to 5.5V
1
µA
PGDLY Pullup Current
PGDLY = GND
4
5
6
µA
PGDLY Pulldown Resistance
10
25
Ω
PGDLY Trip Threshold
REF-
0.2
REF
REF+
0.2
V
Thermal-Shutdown Threshold
TSHDN
Hysteresis = 15
°C
+160
°C
GATE DRIVERS
DH_ Gate-Driver On-Resistance
RDH
BST_ - LX_ forced to 5V
1.5
5
Ω
DL_, high state
1.7
5
DL_ Gate-Driver On-Resistance
RDL
DL_, low state
0.6
3
Ω
DH_ Gate-Driver Source/Sink
Current
IDH
DH_ forced to 2.5V,
BST_ - LX_ forced to 5V
2A
DL_ Gate-Driver Source Current
IDL
DL_ forced to 2.5V
1.7
A
DL_ Gate-Driver Sink Current
IDL (SINK)
DL_ forced to 2.5V
3.3
A
DL_ rising
35
Dead Time
tDEAD
DH_ rising
26
ns
LX_, BST_ Leakage Current
VBST_ = VLX_ = 26V
<2
20
µA
INPUTS AND OUTPUTS
High
2.4
Logic Input Voltage
SKIP, hysteresis = 600mV
Low
0.8
V
High
0.7 x
VCC
Fault Enable Logic Input Voltage
OVP, UVP, ONA
Low
0.4
V
Logic Input Current
OVP, UVP, SKIP, ONA
-1
+1
µA
Rising trip level
1.10
1.6
2.20
SHDN Input Trip Level
Falling trip level
0.96
1
1.04
V
Clear fault level/SMPS off level
0.8
Delay start level (REF)
1.9
2.1
ON_ Input Voltage
SMPS on level
2.4
V


Similar Part No. - MAX1533AETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1533 MAXIM-MAX1533 Datasheet
763Kb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 11/04
MAX1533ETJ MAXIM-MAX1533ETJ Datasheet
763Kb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 11/04
More results

Similar Description - MAX1533AETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1533 MAXIM-MAX1533 Datasheet
763Kb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 11/04
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com