Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1537AETX Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1537AETX
Description  High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1537AETX Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1537AETX Datasheet HTML 1Page - Maxim Integrated Products MAX1537AETX Datasheet HTML 2Page - Maxim Integrated Products MAX1537AETX Datasheet HTML 3Page - Maxim Integrated Products MAX1537AETX Datasheet HTML 4Page - Maxim Integrated Products MAX1537AETX Datasheet HTML 5Page - Maxim Integrated Products MAX1537AETX Datasheet HTML 6Page - Maxim Integrated Products MAX1537AETX Datasheet HTML 7Page - Maxim Integrated Products MAX1537AETX Datasheet HTML 8Page - Maxim Integrated Products MAX1537AETX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
High-Efficiency, 5x Output, Main Power-Supply
Controllers for Notebook Computers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VIN = 12V, both SMPS enabled, VCC = 5V, FSEL = REF, SKIP = GND, VILIM_ = VLDO5, VINA = 15V, VLDOA = 12V,
ILDO5 = ILDO3 = ILDOA = no load, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, SHDN, INA, LDOA to GND ...............................-0.3V to +30V
GND to PGND .......................................................-0.3V to +0.3V
LDO5, LDO3, VCC to GND .......................................-0.3V to +6V
ILIM3, ILIM5, PGDLY to GND...................................-0.3V to +6V
CSL3, CSH3, CSL5, CSH5 to GND ..........................-0.3V to +6V
ON3, ON5, FB3, FB5 to GND ..................................-0.3V to +6V
SKIP, OVP, UVP to GND...........................................-0.3V to +6V
PGOOD, FSEL, ADJA, ONA to GND ........................-0.3V to +6V
REF to GND ................................................-0.3V to (VCC + 0.3V)
DL3, DL5 to PGND..................................-0.3V to (VLDO5 + 0.3V)
BST3, BST5 to PGND .............................................-0.3V to +36V
LX3 to BST3..............................................................-6V to +0.3V
DH3 to LX3 ..............................................-0.3V to (VBST3 + 0.3V)
LX5 to BST5..............................................................-6V to +0.3V
DH5 to LX5 ..............................................-0.3V to (VBST5 + 0.3V)
LDO3, LDO5 Short Circuit to GND .............................Momentary
REF Short Circuit to GND ...........................................Momentary
INA Shunt Current.............................................................+15mA
Continuous Power Dissipation (TA = +70°C)
32-Pin TQFN (derate 21.3mW/°C above +70°C) .......1702mW
36-Pin TQFN (derate 26.3mW/°C above +70°C) .......2105mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLIES (Note 1)
LDO5 in regulation
6
26
VIN Input Voltage Range
VIN
IN = LDO5, VOUT5 < 4.43V
4.5
5.5
V
VIN Operating Supply Current
IIN
LDO5 switched over to CSL5
15
35
µA
VIN Standby Supply Current
IIN(STBY)
VIN = 6V to 26V, both SMPS off,
includes ISHDN
100
170
µA
VIN Shutdown Supply Current
IIN(SHDN)
VIN = 6V to 26V, SHDN = GND
5
17
µA
Quiescent Power Consumption
PQ
Both SMPS on, FB3 = FB5 = SKIP = GND,
VCSL3 = 3.5V, VCSL5 = 5.3V, VINA = 15V,
ILDOA = 0, PIN + PCSL3 + PCSL5 + PINA
3.5
4.5
mW
VCC Quiescent Supply Current
ICC
Both SMPS on, FB3 = FB5 = GND,
VCSL3 = 3.5V, VCSL5 = 5.3V
1.1
2.1
mA
MAIN SMPS CONTROLLERS
3.3V Output Voltage in Fixed
Mode
VOUT3
VIN = 6V to 26V, SKIP = VCC (Note 2)
3.280
3.33
3.380
V
5V Output Voltage in Fixed Mode
VOUT5
VIN = 6V to 26V, SKIP = VCC (Note 2)
4.975
5.05
5.125
V
Feedback Voltage in Adjustable
Mode
VFB_
VIN = 6V to 26V, FB3 or FB5,
duty factor = 20% to 80% (Note 2)
0.990
1.005
1.020
V
Output-Voltage Adjust Range
Either SMPS
1.0
5.5
V
FB3, FB5 Dual-Mode Threshold
0.1
0.2
V
Feedback Input Leakage Current
VFB3 = VFB5 = 1.1V
-0.1
+0.1
µA
DC Load Regulation
Either SMPS, SKIP = VCC,
ILOAD = 0 to full load
-0.1
%


Similar Part No. - MAX1537AETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1537ETX MAXIM-MAX1537ETX Datasheet
763Kb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 11/04
More results

Similar Description - MAX1537AETX

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1533 MAXIM-MAX1533 Datasheet
763Kb / 38P
   High-Efficiency, 5x Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 11/04
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
   High Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
   High-Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
   High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
   High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
   High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com