Selected language     English  ▼


NTE2077 Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE2077
Description  Integrated Circuit 6−Stage Darlington Transistor Array w/Clamp Diode
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

   
 2 page
background image
Electrical Characteristics: (TA = −20° to +75°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ Max Unit
Collector−Emitter Breakdown Voltage V(BR)CEO ICER = 100μA
40
V
Collector−Emitter Saturation Voltage
VCE(sat) VI = 7V, IC = 150mA
1.1
1.7
V
()
VI = 7V, IC = 100mA
1.0
1.4
V
Input Current
Il
VI = 18V
0.9
1.8
mA
VI = 35V
1.9
5.0
mA
Input Reverse Current
IIR
VI = −35V
−20
μA
Clamping Diode Forward Voltage
VF
IF = −150mA
1.15
1.6
V
Clamping Diode Reverse Current
IR
VR = 40V
100
μA
DC Amplification Factor
hFE
VCE = 4V, IC = 150mA,
TA = +25°C
800 2500
Switching Characteristics: (TA = +25° unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Turn−On Time
ton
CL = 15pF (Note 1)
35
ns
Turn−Off Time
toff
300
ns
Note 1. Pulse generator (PG) characteristics: PRR = 1kHz, tw = 10
μs, tr = 6ns, ZO = 50Ω, VP = 7Vp−p
Pin Connection Diagram
Output 4
Output 1
Input 1
Input 5
Input 4
Output 5
Output 6
Output 2
1
2
3
4
Input 2
Input 3
5
6
Input 6
7
GND
14
13
12
11
Output 3
10
9
8 Common
.600 (15.24)
17
14
8
.300
(7.62)
.200 (5.08)
Max
.100 (2.45)
.099 (2.5) Min
.785 (19.95)
Max




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE2074Integrated Circuit 7−Stage Darlington Transistor Array w/Clamp Diode 1 2 NTE Electronics
NTE2082Integrated Circuit 6−Stage Darlington Transistor Array 1 2 NTE Electronics
NTE2084Integrated Circuit 5−Stage Darlington Transistor Array 1 2 NTE Electronics
NTE917Integrated Circuit Dual Independent Transistor Array Differential Amp 1 2 3 4 NTE Electronics
M54530P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63827WP7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M54531P_997-UNIT 400mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
M63828WP7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M63800FP7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE 1 2 3 4 Mitsubishi Electric Semiconductor
UPD12115MOS INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl