Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN75240 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN75240
Description  USB PORT TRANSIENT SUPPERSSORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75240 Datasheet(HTML) 5 Page - Texas Instruments

  SN75240 Datasheet HTML 1Page - Texas Instruments SN75240 Datasheet HTML 2Page - Texas Instruments SN75240 Datasheet HTML 3Page - Texas Instruments SN75240 Datasheet HTML 4Page - Texas Instruments SN75240 Datasheet HTML 5Page - Texas Instruments SN75240 Datasheet HTML 6Page - Texas Instruments SN75240 Datasheet HTML 7Page - Texas Instruments SN75240 Datasheet HTML 8Page - Texas Instruments SN75240 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
9-Oct-2007
Addendum-Page 2


Similar Part No. - SN75240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75240 TI-SN75240 Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN75240 TI-SN75240 Datasheet
251Kb / 10P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN75240P TI-SN75240P Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN75240P TI-SN75240P Datasheet
251Kb / 10P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN75240PE4 TI-SN75240PE4 Datasheet
251Kb / 10P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
More results

Similar Description - SN75240

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCT316LD SECOS-SCT316LD Datasheet
175Kb / 3P
   300W Transient Voltage Supperssors Array
logo
Texas Instruments
SN65220 TI-SN65220_06 Datasheet
251Kb / 10P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
logo
TECH PUBLIC Electronics...
TPSN65220DBVR TECHPUBLIC-TPSN65220DBVR Datasheet
1Mb / 4P
   USB PORT TRANSIENT SUPPRESSORS
logo
Texas Instruments
SN65220 TI-SN65220 Datasheet
227Kb / 9P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
SN65220-Q1 TI-SN65220-Q1 Datasheet
132Kb / 5P
[Old version datasheet]   USB PORT TRANSIENT SUPPRESSORS
logo
Coolgear Inc.
USB2-4COM-M COOLGEAR-USB2-4COM-M Datasheet
122Kb / 2P
   USB 2.0 4-Port USB Serial DB
logo
ON Semiconductor
PACUSBD ONSEMI-PACUSBD Datasheet
392Kb / 8P
   USB Downstream Port Terminator
October, 2011 ??Rev. 3
PACUSBU ONSEMI-PACUSBU Datasheet
116Kb / 6P
   Upstream USB Port Terminator
October, 2011 ??Rev. 3
logo
List of Unclassifed Man...
82C862 ETC2-82C862 Datasheet
302Kb / 51P
   FireLink USB Dual Controller Quad Port USB
MCS7784 ETC1-MCS7784 Datasheet
247Kb / 2P
   USB to IrDa Port
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com