Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP22PWRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN65LVCP22PWRG4
Description  2x2 LVDS CROSSPOINT SWITCH
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP22PWRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVCP22PWRG4 Datasheet HTML 3Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 4Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 5Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 6Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 7Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 8Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 9Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 10Page - Texas Instruments SN65LVCP22PWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
www.ti.com
1.3 V
1.1 V
tPLHD
0.2 V
0 V
VIN+
VIN-
VID
80%
tPHLD
20%
tHLT
tLHT
+VOD
0 V
OUT+
OUT-
IN+
IN-
VID
1 pF
VIN-
VIN+
-0.2 V
VOUT-
75
5 pF
VOUT+ VOD
-VOD
Vdiff = (OUT+) - (OUT-)
EN
OUT
OUT
3 V
1.5 V
0 V
VOH
50%
1.2 V
1.2 V
50%
VOL
tPHZ
tPZH
tPLZ
tPZL
OUT+
OUT-
5 pF
VOUT+
VOUT-
37.4
Ω ±1%
1.2 V
37.4
Ω ±1%
1 V or 1.4 V
1.2 V
EN
SN65LVCP22
SLLS553B – NOVEMBER 2002 – REVISED JUNE 2003
PARAMETER MEASUREMENT INFORMATION (continued)
NOTE: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ .25 ns, pulse-repetition rate
(PRR) = 0.5 Mpps, pulse width = 500 ± 10 ns. CL includes instrumentation and fixture capacitance within 0,06 mm of
the D.U.T.
Figure 4. Timing Test Circuit and Waveforms
NOTE: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 1 ns, pulse-repetition rate
(PRR) = 0.5 Mpps, pulse width = 500 ± 10 ns. CL includes instrumentation and fixture capacitance within 0,06 mm of
the D.U.T.
Figure 5. Enable and Disable Time Circuit and Definitions
7
Submit Documentation Feedback


Similar Part No. - SN65LVCP22PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP22PWRG4 TI-SN65LVCP22PWRG4 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP22PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152_08 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Texas Instruments
DS10CP152 TI1-DS10CP152 Datasheet
766Kb / 15P
[Old version datasheet]   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
National Semiconductor ...
DS10CP152 NSC-DS10CP152 Datasheet
277Kb / 12P
   1.5 Gbps 2X2 LVDS Crosspoint Switch
logo
Pericom Semiconductor C...
PI90LV044 PERICOM-PI90LV044 Datasheet
461Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com