Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G14DBVR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G14DBVR
Description  DUAL SCHMITT-TRIGGER INVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G14DBVR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC2G14DBVR Datasheet HTML 1Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 2Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 3Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 4Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 5Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC2G14DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74LVC2G14
DUAL SCHMITT-TRIGGER INVERTER
SCES200L – APRIL 1999 – REVISED JANUARY 2007
MIN
MAX
UNIT
Operating
1.65
5.5
VCC
Supply voltage
V
Data retention only
1.5
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
–16
mA
VCC = 3 V
–24
VCC = 4.5 V
–32
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
16
mA
VCC = 3 V
24
VCC = 4.5 V
32
TA
Operating free-air temperature
–40
85
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3
Submit Documentation Feedback


Similar Part No. - SN74LVC2G14DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14DBVR TI-SN74LVC2G14DBVR Datasheet
386Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14DBVR TI-SN74LVC2G14DBVR Datasheet
584Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14DBVR TI1-SN74LVC2G14DBVR Datasheet
1Mb / 24P
[Old version datasheet]   Dual Schmitt-Trigger Inverter
SN74LVC2G14DBVR TI1-SN74LVC2G14DBVR Datasheet
1Mb / 24P
[Old version datasheet]   Dual Schmitt-Trigger Inverter
logo
Guangdong Youtai Semico...
SN74LVC2G14DBVR UMW-SN74LVC2G14DBVR Datasheet
794Kb / 9P
   SN74LVC2G14
More results

Similar Description - SN74LVC2G14DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
   Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
   Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
NLX2G14 ONSEMI-NLX2G14 Datasheet
144Kb / 8P
   Dual Schmitt-Trigger Inverter
November, 2009 ??Rev. 2
logo
Unisonic Technologies
U74LVC2G17 UTC-U74LVC2G17_15 Datasheet
158Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14_16 Datasheet
72Kb / 7P
   Dual Schmitt-Trigger Inverter
July, 2016 ??Rev. 5
logo
Texas Instruments
SN74LVC2G14 TI-SN74LVC2G14_09 Datasheet
584Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
SN74LVC2G14 TI-SN74LVC2G14 Datasheet
386Kb / 15P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
Unisonic Technologies
U74LVC2G14 UTC-U74LVC2G14_15 Datasheet
191Kb / 5P
   DUAL SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74LVC2G14 DIODES-74LVC2G14 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER INVERTER
logo
ON Semiconductor
NL27WZ14 ONSEMI-NL27WZ14 Datasheet
96Kb / 8P
   Dual Schmitt-Trigger Inverter
May, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com