Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-B4532 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-B4532
Description  LED GaAsP/GaP Hi-Eff Red Low current requirement.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-B4532 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-B4532 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-B4532 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
B4
45
53
32
2
Ver.2.0 Page: 1 of 2
SINCE 1981
FLAT DENOTES CATHODE
2.54(.10)
NOM.
1.0(.04) MIN.
4.00(.158)
6.00(.236)
1.5(.059)
MAX.
0.5(.02)
SQ. TYP.
1.0(.04)
25.4(1.0) MIN.
4.60(.181)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
● Package dimensions:
1. Chip material: GaAsP/GaP
2. Emitted color : Hi-Eff Red
3. Lens Appearance : Red Diffused
4. Low power consumption.
5. High efficiency.
6. Versatile mounting on P.C. Board or panel.
7. Low current requirement.
8. 4mm diameter package
9. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current*1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40~80
Storage Temperature
Tstg
-40~85
Soldering Temperature
Tsol
260(for 5 seconds)
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.


Similar Part No. - BL-B4532

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-B4532 YSTONE-BL-B4532 Datasheet
513Kb / 2P
   STANDARD LED LAMPS(ROUND TYPES)
BL-B4532 YSTONE-BL-B4532 Datasheet
459Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
BL-B4532 YSTONE-BL-B4532 Datasheet
461Kb / 6P
   STANDARD LED LAMPS (ROUND TYPES)
logo
American Bright OPTOELE...
BL-B4532 AMERICANBRIGHT-BL-B4532 Datasheet
108Kb / 2P
   LED Components
Ver.2.0
More results

Similar Description - BL-B4532

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B34V1T BRIGHT-BL-B34V1T Datasheet
116Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534 BRIGHT-BL-B4534 Datasheet
149Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534-1 BRIGHT-BL-B4534-1 Datasheet
140Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534-1-L BRIGHT-BL-B4534-1-L Datasheet
141Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534G-1 BRIGHT-BL-B4534G-1 Datasheet
147Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534N BRIGHT-BL-B4534N Datasheet
128Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4539B BRIGHT-BL-B4539B Datasheet
130Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4541Q BRIGHT-BL-B4541Q Datasheet
131Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4533 BRIGHT-BL-B4533 Datasheet
134Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534N-1-L BRIGHT-BL-B4534N-1-L Datasheet
174Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com