Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-B4534C Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-B4534C
Description  LED GaAsP/GaP Hi-Eff Red Low current requirement.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-B4534C Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-B4534C Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-B4534C Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
B4
45
53
34
4C
C
Ver.2.0 Page: 1 of 2
SINCE 1981
5.70(.224)
Flat Denotes Cathode
2.54(.100) NOM.
6.00(.236)
5.00(.197)
1.00(.039) MIN.
1.50(.059)
1.5(.059)
MAX.
0.5(.02) SQ.
TYP.
25.4(1.00) MIN.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
Package dimensions:
1. Chip material: GaAsP/GaP
2. Emitted color : Hi-Eff Red
3. Lens Appearance : Red Diffused
4. Low power consumption.
5. High efficiency.
6. Versatile mounting on P.C. Board or panel.
7. Low current requirement.
8. T-1 3/4 type package
9. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Rating
Unit
Power Dissipation
Pd
80
mW
Forward Current
IF
30
mA
Peak Forward Current*1
IFP
150
mA
Reverse Voltage
VR
5
V
Operating Temperature
Topr
-40~80
Storage Temperature
Tstg
-40~85
Soldering Temperature
Tsol
260(for 5 seconds)
*
1Condition for I
FP is pulse of 1/10 duty and 0.1msec width.


Similar Part No. - BL-B4534C

ManufacturerPart #DatasheetDescription
logo
American Bright OPTOELE...
BL-B4534C AMERICANBRIGHT-BL-B4534C Datasheet
102Kb / 2P
   Round – 5mm (T1 3/4) LED Components
Ver.2.0
More results

Similar Description - BL-B4534C

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-B4532 BRIGHT-BL-B4532 Datasheet
137Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B34V1T BRIGHT-BL-B34V1T Datasheet
116Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534 BRIGHT-BL-B4534 Datasheet
149Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534-1 BRIGHT-BL-B4534-1 Datasheet
140Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534-1-L BRIGHT-BL-B4534-1-L Datasheet
141Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534G-1 BRIGHT-BL-B4534G-1 Datasheet
147Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534N BRIGHT-BL-B4534N Datasheet
128Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4539B BRIGHT-BL-B4539B Datasheet
130Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4541Q BRIGHT-BL-B4541Q Datasheet
131Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4533 BRIGHT-BL-B4533 Datasheet
134Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
BL-B4534N-1-L BRIGHT-BL-B4534N-1-L Datasheet
174Kb / 2P
   LED GaAsP/GaP Hi-Eff Red Low current requirement.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com