Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC344LP3 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC344LP3
Description  GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC344LP3 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC344LP3_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC344LP3_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC344LP3_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC344LP3_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC344LP3_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC344LP3_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8
8 - 185
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC344LP3 / 344LP3E
Input Third Order Intercept Point
GaAs MMIC SP4T NON-REFLECTIVE
SWITCH, DC - 8.0 GHz
Return Loss
0.1 and 1 dB Input Compression Point
Insertion Loss vs. Temperature
Isolation
* Isolation is recorded above insertion loss & measured at output of switch.
v05.0505
Bias Voltage & Current
Control Voltages
State
Bias Condition
Low
-3V to 0 Vdc @ 60 uA Typical
High
-5 to -4.2 Vdc @ 5 uA Typical
Vee Range = -5.0 Vdc ± 10%
Vee
(Vdc)
Iee (Typ.)
(mA)
Iee (Max.)
(mA)
-5.0
3.0
6.0
-5
-4
-3
-2
-1
0
01
23
456
7
8
9
+25 C
+85 C
-40 C
FREQUENCY (GHz)
35
36
37
38
39
40
41
42
43
44
45
12345678
9
RF1
RF2
RF3
RF4
FREQUENCY (GHz)
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
2
345
678
9
1dB Compression Point
0.1dB Compression Point
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
01
23
456
7
8
9
RFC
RF1,2,3,4 On
RF1,2,3,4 Off
FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
01
234
5678
9
10
RF1
RF2
RF3
RF4
FREQUENCY (GHz)


Similar Part No. - HMC344LP3_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC344LP3E HITTITE-HMC344LP3E Datasheet
423Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
HMC344LP3 HITTITE-HMC344LP3_11 Datasheet
423Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8 GHz
More results

Similar Description - HMC344LP3_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC344 HITTITE-HMC344_06 Datasheet
211Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LP3 HITTITE-HMC344LP3 Datasheet
224Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344LC3 HITTITE-HMC344LC3 Datasheet
249Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC344 HITTITE-HMC344 Datasheet
167Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC345LP3 HITTITE-HMC345LP3 Datasheet
205Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE POSITIVE CONTROL SWITCH, DC - 8.0 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
   GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com