Electronic Components Datasheet Search |
|
P4KE130 Datasheet(PDF) 4 Page - DAESAN ELECTRONIC CORP. |
|
P4KE130 Datasheet(HTML) 4 Page - DAESAN ELECTRONIC CORP. |
4 / 5 page FIG.1-PEAK PULSE POWER RATING CURVE FIG.2-PULSE DERATING CURVE FIG.3-PULSE WAVEFORM FIG.4-TYPICAL JUNCTION CAPACITANCE UNIDIRECTIONAL FIG.5-STEADY STATE POWER DERATING CURVE FIG.6-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT UNIDIRECTIONAL ONLY td, PULSE WIDTH, sec. t,TIME, ms TL, LEAD TEMPERATURE (℃) NUMBER OF CYCLES AT 60HZ V(BR), BREAKDOWN VOLTAGE,VOLTS TA, AMBIENT TEMPERATURE (℃) 0.1 10 100 1.0 0.1mS 10mS 1.0mS 100mS 10mS 1.0mS 0 100 150 50 2.0 1.0 0 3.0 4.0 100 75 50 0 125 25 150 200 175 0 0.50 0.75 0.25 1.00 10 1 200 30 0 20 40 10 50 100 1.0 10 200 10 10,000 1000 100,000 100 75 50 0 125 25 150 200 175 0 50 75 25 100 NON-REPETITIVE PULSE WAVEFORM SHOWN IN FIG.3 TA =25℃ TJ =25℃ f=1.0MHz Vsig=50mVp-p MEASURED at ZERO BIAS MEASURED at STAND-OFF VOLTAGE,VWM td PULSE WIDTH (td) is DEFINED as the POINT WHERE the PEAK CURRENT DECAYS to 50% of IPPM tr=10msec. PEAK VALUE IPPM 10/100msec.WAVEFORM as DEFINED by R.E.A. PEAK VALUE IPPM HALF VALUE-IPPM 2 60Hz RESISTIVE OR INDUCTIVE LOAD 1.6X1.6X0.040" (40X40X1mm) COPPER HEAT SINKS L=0.375"(9.5mm) LEAD LENGTHS TJ=TJ max. 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) RATINGS AND CHARACTERISTIC CURVES P4KE6.8 THRU P4KE440CA |
Similar Part No. - P4KE130 |
|
Similar Description - P4KE130 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |