Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC346LP3 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC346LP3
Description  GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC346LP3 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC346LP3_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC346LP3_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC346LP3_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC346LP3_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC346LP3_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC346LP3_06 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6
6 - 98
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
*Two-tone input power = -8 dBm each tone, 1 MHz spacing.
0.25 dB Compression vs. Attenuation
1 dB Compression vs. Attenuation
Input IP2 vs. Attenuation*
Second Harmonic
vs. Attenuation, Pin = -8 dBm
GaAs MMIC VOLTAGE-VARIABLE
ATTENUATOR, DC - 14 GHz
HMC346LP3 / 346LP3E
v03.0705
10
20
30
40
50
60
70
02468
10
12
14
16
0 dB
3 dB
6 dB
10 dB
FREQUENCY (GHz)
-5
0
5
10
15
20
02468
10
12
14
16
0 dB (REF)
6 dB
FREQUENCY (GHz)
-10
-5
0
5
10
15
02468
10
12
14
16
0 dB (REF)
6 dB
FREQUENCY (GHz)
20
30
40
50
60
70
80
02468
10
12
14
16
0 dB
3 dB
6 dB
10 dB
FREQUENCY (GHz)


Similar Part No. - HMC346LP3_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346LP3 HITTITE-HMC346LP3_08 Datasheet
255Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
More results

Similar Description - HMC346LP3_06

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
logo
Hittite Microwave Corpo...
HMC346LP3 HITTITE-HMC346LP3_08 Datasheet
255Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
HMC346LP3 HITTITE-HMC346LP3 Datasheet
259Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
List of Unclassifed Man...
HMC346LC3B ETC1-HMC346LC3B Datasheet
360Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
logo
Hittite Microwave Corpo...
HMC121 HITTITE-HMC121 Datasheet
100Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR DC - 15 GHz
HMC346 HITTITE-HMC346 Datasheet
252Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC346 HITTITE-HMC346_07 Datasheet
265Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
HMC346LC3B HITTITE-HMC346LC3B Datasheet
242Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346 HITTITE-HMC346_09 Datasheet
281Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 20 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com