Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC346MS8G Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC346MS8G
Description  GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC346MS8G Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC346MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC346MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC346MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC346MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC346MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC346MS8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
6 - 107
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application
should be generated with proper RF circuit design
techniques. Signal lines at the RF ports should be
50 ohm impedance and the package ground leads
and package bottom should be connected directly
to the PCB RF ground plane, similar to that shown
above. The evaluation circuit board shown above is
available from Hittite Microwave Corporation upon
request.
List of Materials for Evaluation PCB 104091 [1]
Item
Description
J1 - J2
PCB Mount SMA RF Connector
J3 - J7
DC PIN
U1
HMC346MS8G / HMC346MS8GE
PCB [2]
104089 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC346MS8G / 346MS8GE
GaAs MMIC SMT VOLTAGE-VARIABLE
ATTENUATOR, DC - 8 GHz
v05.0607


Similar Part No. - HMC346MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346MS8G HITTITE-HMC346MS8G Datasheet
265Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346MS8G HITTITE-HMC346MS8G Datasheet
240Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346MS8G HITTITE-HMC346MS8G Datasheet
240Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346MS8GE HITTITE-HMC346MS8GE Datasheet
240Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346MS8G HITTITE-HMC346MS8G_08 Datasheet
240Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
More results

Similar Description - HMC346MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC121G8 HITTITE-HMC121G8 Datasheet
105Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR DC - 8 GHz
HMC121G8 HITTITE-HMC121G8_01 Datasheet
132Kb / 4P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
logo
Analog Devices
HMC346AMS8G AD-HMC346AMS8G Datasheet
898Kb / 4P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
logo
Hittite Microwave Corpo...
HMC346MS8G HITTITE-HMC346MS8G_08 Datasheet
240Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346MS8G HITTITE-HMC346MS8G Datasheet
265Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346C8 HITTITE-HMC346C8_08 Datasheet
256Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC346G8 HITTITE-HMC346G8_08 Datasheet
226Kb / 6P
   GaAs MMIC HERMETIC SMT VOLTAGE-VARIABLE ATTENUATOR, DC - 8 GHz
HMC121C8 HITTITE-HMC121C8 Datasheet
191Kb / 6P
   GaAs MMIC SMT VOLTAGE-VARIABLE ATTENUATOR DC - 10 GHz
logo
Analog Devices
HMC346ALC3B AD-HMC346ALC3B Datasheet
918Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 18 GHz
HMC346ALP3 AD-HMC346ALP3 Datasheet
903Kb / 4P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, DC - 14 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com