Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28221 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28221
Description  INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28221 Datasheet(HTML) 3 Page - Texas Instruments

  UCC28221 Datasheet HTML 1Page - Texas Instruments UCC28221 Datasheet HTML 2Page - Texas Instruments UCC28221 Datasheet HTML 3Page - Texas Instruments UCC28221 Datasheet HTML 4Page - Texas Instruments UCC28221 Datasheet HTML 5Page - Texas Instruments UCC28221 Datasheet HTML 6Page - Texas Instruments UCC28221 Datasheet HTML 7Page - Texas Instruments UCC28221 Datasheet HTML 8Page - Texas Instruments UCC28221 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
UCC28220, UCC28221
SLUS544C − SEPTEMBER 2003 − REVISED OCTOBER 2007
3
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature (unless otherwise noted)†}
Parameter
UCC2822X
UNIT
High voltage start-up input, VIN
110
V
Supply voltage, VDD
15
V
Output current (OUT1, OUT2) dc , IOUT(dc)
±10
mA
OUT1/ OUT2 capacitive load
200
pF
REF output current, IREF
10
mA
Current sense inputs, CS1, CS2
−1.0 to 2.0
V
Analog inputs (CHG, DISCHG, SLOPE, REF, CNTRL)
−0.3 to 3.6
V
Analog inputs (SS, LINEOV, LINEUV, LINEHYS)
−0.3 to 7.0
V
Power dissipation at TA = 25°C (PW package)
400
mW
Power dissipation at TA = 25°C (D package)
650
mW
Junction operating temperature, TJ
−55 to 150
°C
Storage temperature, Tstg
−65 to 150
°C
Lead temperature (soldering, 10 sec.), Tsol
300
°C
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute−maximum−rated conditions for extended periods may affect device reliability.
‡ All voltages are with respect to GND. Currents are positive into, negative out of the specified terminal. Consult Packaging Section of the Databook
for thermal limitations and considerations of packages.
ELECTRICAL CHARACTERISTICS:
VDD = 12 V, 0.1-µF capacitor from VDD to GND, 0.1-µF capacitor from REF to GND, FOSC = 1 MHz, TA = −40°C to
105
°C, TA = TJ, (unless otherwise noted).
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Overall Section
Operating VDD range
8
14
V
Quiescent current
SS = 0 V, no switching, Fosc = 1 MHz
1.5
3
4
mA
Operating current
Outputs switching, Fosc = 1 MHz
1.6
3.5
6
mA
Startup Section
Startup current
UCC28220 VDD < (UVLO−0.8)
200
µA
UVLO start threshold
UCC28220
9.5
10
10.5
UVLO start threshold
UCC28221
12.3
13
13.7
V
UVLO stop threshold
7.6
8
8.4
V
UVLO hysteresis
UCC28220
1.8
2
2.2
V
UVLO hysteresis
UCC28221
4.8
5
5.2
JFET ON threshold
SS = 0, outputs not switching, VDD decreasing
9.5
10
10.5
V
JFET ON threshold
SS = 2 V,Cntrl = 2 V, output switching, VDD decreasing;
same threshold as UVLO stop
7.6
8
8.4
V
High voltage JFET current
VIN = 36 V to 76 V, VDD = 0 V
16
48
100
High voltage JFET current
VIN = 36 V to 76 V, VDD = 10 V
4
16
40
mA
High voltage JFET current
VIN = 36 V to 76 V, VDD < UVLO
4
12
40
mA
JFET leakage
VIN = 36 V to 76 V, VDD = 14 V
100
µA


Similar Part No. - UCC28221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28221 TI1-UCC28221 Datasheet
918Kb / 32P
[Old version datasheet]   INTERILEAVED DUAL PWM CONTROLLER
UCC28221D TI-UCC28221D Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28221D TI1-UCC28221D Datasheet
918Kb / 32P
[Old version datasheet]   INTERILEAVED DUAL PWM CONTROLLER
UCC28221DG4 TI1-UCC28221DG4 Datasheet
918Kb / 32P
[Old version datasheet]   INTERILEAVED DUAL PWM CONTROLLER
UCC28221PW TI-UCC28221PW Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
More results

Similar Description - UCC28221

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28220 TI-UCC28220_15 Datasheet
897Kb / 32P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220-Q1 TI1-UCC28220-Q1 Datasheet
780Kb / 26P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
logo
Vishay Siliconix
SI9118 VISHAY-SI9118_11 Datasheet
174Kb / 11P
   Programmable Duty Cycle Controller
Rev. E, 16-May-11
SI9118 VISHAY-SI9118_V01 Datasheet
187Kb / 11P
   Programmable Duty Cycle Controller
01-Jan-2022
SI9118 VISHAY-SI9118 Datasheet
91Kb / 8P
   Programmable Duty Cycle Controller
Rev. B, 05 Apr-99
logo
Texas Instruments
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
logo
Cherry Semiconductor Co...
CS52845 CHERRY-CS52845 Datasheet
142Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com