Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZC932TA Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZC932TA
Description  SILICON 12V HYPERABRUPT VARACTOR DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZC932TA Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZC932TA Datasheet HTML 1Page - Zetex Semiconductors ZC932TA Datasheet HTML 2Page - Zetex Semiconductors ZC932TA Datasheet HTML 3Page - Zetex Semiconductors ZC932TA Datasheet HTML 4Page - Zetex Semiconductors ZC932TA Datasheet HTML 5Page - Zetex Semiconductors ZC932TA Datasheet HTML 6Page - Zetex Semiconductors ZC932TA Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZC930, ZMV930 series
ISSUE 10 - JUNE 2007
2
PART
Capacitance
VR=1V
Capacitance
VR=2.5V
Capacitance
VR=4V
Minimum Q
VR=4V
f=50MHz
MIN. pF
MIN. pF
MAX. pF
MAX. pF
930
8.70
4.30
5.50
2.90
200
931
13.50
6.50
7.80
4.00
300
932
17.00
8.50
10.50
5.50
200
933
42.00
18.00
27.00
12.00
150
933A
42.00
20.25
24.75
12.00
150
934
95.00
40.00
65.00
25.00
80
934A
95.00
47.25
57.75
25.00
80
TUNING CHARACTERISTICS at Tamb = 25°C
PARAMETER
SYMBOL
MAX.
UNIT
Reverse voltage
VR
12
V
Forward current
IF
100
mA
Power dissipation at Tamb =25 CSOT23
Ptot
330
mW
Power dissipation at Tamb =25 CSOD323
Ptot
330
mW
Junction temperature
Tj
125
C
Storage temperature range
Tstg
-55 to +150
C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Reverse breakdown voltage
IR =10uA
12
V
Reverse voltage leakage
VR = 8V
0.2
100
nA
Temperature coefficient of capacitance
VR = 3V, f = 1MHz
300
400
ppCm/ C
ELECTRICAL CHARACTERISTICS at Tamb = 25°C


Similar Part No. - ZC932TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC932TA ZETEX-ZC932TA Datasheet
123Kb / 6P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
More results

Similar Description - ZC932TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC930 ZETEX-ZC930 Datasheet
123Kb / 6P
   SILICON 12V HYPERABRUPT VARACTOR DIODES
ZC829ATA ZETEX-ZC829ATA Datasheet
334Kb / 8P
   Silicon 25V hyperabrupt varactor diodes
ZMV829ATA ZETEX-ZMV829ATA Datasheet
151Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV831 ZETEX-ZV831 Datasheet
93Kb / 6P
   SILICON 25V HYPERABRUPT VARACTOR DIODES
ZC829 ZETEX-ZC829 Datasheet
97Kb / 6P
   SILICON 28V HYPERABRUPT VARACTOR DIODES
ZV950V2 ZETEX-ZV950V2 Datasheet
62Kb / 6P
   SILICON LOW VOLTAGE HYPERABRUPT VARACTOR DIODES
logo
M/A-COM Technology Solu...
MGV100-X MA-COM-MGV100-X Datasheet
506Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Microsemi Corporation
MV30011 MICROSEMI-MV30011 Datasheet
189Kb / 4P
   GaAs Varactor Diodes Hyperabrupt
logo
M/A-COM Technology Solu...
MGV125-X MA-COM-MGV125-X Datasheet
500Kb / 5P
   GaAs Hyperabrupt Varactor Diodes
logo
Skyworks Solutions Inc.
SMV2026 SKYWORKS-SMV2026 Datasheet
596Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com