Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28220DRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC28220DRG4
Description  INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28220DRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC28220DRG4 Datasheet HTML 6Page - Texas Instruments UCC28220DRG4 Datasheet HTML 7Page - Texas Instruments UCC28220DRG4 Datasheet HTML 8Page - Texas Instruments UCC28220DRG4 Datasheet HTML 9Page - Texas Instruments UCC28220DRG4 Datasheet HTML 10Page - Texas Instruments UCC28220DRG4 Datasheet HTML 11Page - Texas Instruments UCC28220DRG4 Datasheet HTML 12Page - Texas Instruments UCC28220DRG4 Datasheet HTML 13Page - Texas Instruments UCC28220DRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
UCC28220, UCC28221
SLUS544C − SEPTEMBER 2003 − REVISED OCTOBER 2007
10
www.ti.com
APPLICATION INFORMATION
15
1
2
R2
R1
R3
Input
Voltage
+
UV
HYS
OV
+
1.26 V
+
1.26 V
LINE_GOOD
S1
OPEN
S2
CLOSED
1.26 V
R4
Figure 1. Line UVLO and OVLO Functional Diagram
V1
V2
V3
V4
LINE_GOOD
ENABLE
OFF
Figure 2. Line UVLO and OVLO Operation
VDD
Because the driver output impedance is high the energy storage requirements on the VDD capacitor is low. For
improved noise immunity it is recommended that the VDD pin, be bypassed with a minimum of 0.1
µF of
capacitance to GND. In most typical applications the bias voltage for the MOSFET drivers will also be used as
the VDD supply voltage for the chip. In the aforementioned applications it is beneficial to add a low valued
resistor between the bulk storage capacitor of the driver and the VDD capacitor for the UCC28220/1. By adding
a resistor in series with the bias supply any noise that is present on the bias supply will be filtered out before
getting to the VDD pin of the controller.


Similar Part No. - UCC28220DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28220DR TI1-UCC28220DR Datasheet
918Kb / 32P
[Old version datasheet]   INTERILEAVED DUAL PWM CONTROLLER
More results

Similar Description - UCC28220DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28220 TI-UCC28220_15 Datasheet
897Kb / 32P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220-Q1 TI1-UCC28220-Q1 Datasheet
780Kb / 26P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
logo
Vishay Siliconix
SI9118 VISHAY-SI9118_11 Datasheet
174Kb / 11P
   Programmable Duty Cycle Controller
Rev. E, 16-May-11
SI9118 VISHAY-SI9118_V01 Datasheet
187Kb / 11P
   Programmable Duty Cycle Controller
01-Jan-2022
SI9118 VISHAY-SI9118 Datasheet
91Kb / 8P
   Programmable Duty Cycle Controller
Rev. B, 05 Apr-99
logo
Texas Instruments
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
logo
Cherry Semiconductor Co...
CS52845 CHERRY-CS52845 Datasheet
142Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com