Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28221DRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC28221DRG4
Description  INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28221DRG4 Datasheet(HTML) 4 Page - Texas Instruments

  UCC28221DRG4 Datasheet HTML 1Page - Texas Instruments UCC28221DRG4 Datasheet HTML 2Page - Texas Instruments UCC28221DRG4 Datasheet HTML 3Page - Texas Instruments UCC28221DRG4 Datasheet HTML 4Page - Texas Instruments UCC28221DRG4 Datasheet HTML 5Page - Texas Instruments UCC28221DRG4 Datasheet HTML 6Page - Texas Instruments UCC28221DRG4 Datasheet HTML 7Page - Texas Instruments UCC28221DRG4 Datasheet HTML 8Page - Texas Instruments UCC28221DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
UCC28220, UCC28221
SLUS544C − SEPTEMBER 2003 − REVISED OCTOBER 2007
4
www.ti.com
ELECTRICAL CHARACTERISTICS:
VDD = 12 V, 0.1-µF capacitor from VDD to GND, 0.1-µF capacitor from REF to GND, FOSC = 1 MHz, TA = −40°C to
105
°C, TA = TJ, (unless otherwise noted).
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Reference
Output voltage
8 V < VDD < 14 V, ILOAD=0 mA to −10 mA
3.15
3.3
3.45
V
Output current
Outputs not switching; CNTRL = 0 V
10
mA
Ouput short circuit current
VREF = 0 V
−40
−20
−10
mA
VREF UVLO
2.55
3
3.25
V
Soft-Start
SS charge current
RCHG=10.2 k
Ω, SS = 0 V
−70
−100
−130
A
SS discharge current
RCHG=10.2 k
Ω, SS = 2 V
70
100
130
µA
SS initial voltage
LINEOV=2 V, LINEUV = 0 V
0.5
1
1.5
V
SS voltage at 0% dc
Point at which output starts switching
0.5
1.2
1.8
V
SS voltage ratio
75%
90%
100%
SS Max voltage
LINEOV = 0 V, LINEUV = 2 V
3
3.5
4
V
Oscillator and PWM
Output frequency
RCHG = 10.2 k
Ω, RDISCHG = 10.2 kΩ
450
500
550
kHz
Oscillator frequency
RCHG = 10.2 k
Ω, RDISCHG = 10.2 kΩ
900
1000
1100
kHz
Output maximum duty cycle
RCHG = 10.2 k
Ω, RDISCHG = 10.2 kΩ, measured at OUT1
and OUT2
73%
75%
77%
%
CHG voltage
2
2.5
3
V
DISCHG voltage
2
2.5
3
V
Slope Compensation
Slope
RSLOPE = 75 k
Ω, RCH = 66 kΩ, RDISCHG = 44 kΩ, Csx =
0 V to 0.5 V
140
200
260
mV/us
Channel matching
RSLOPE = 75 k
Ω, Csx = 0 V
0%
10%
Current Sense
CS1, CS2 bias current
CS1 = 0, CS2 = 0
−500
0
500
nA
Prop delay CSx to OUTx
CSx input 0 V to 1.5 V step
40
85
ns
CS1, CS2 sink current
CSx = 2 V
2.3
4.5
7
mA
CNTRL Section
Resistor ratio(1)
0.6
Ctrl input current
CTRL = 0 V and 3.3 V
−100
0
100
nA
Ctrl voltage at 0% dc
CSx = 0 V, Point at which output starts switching (checks
resistor ratio)
0.5
1.2
1.8
V
NOTES: (1). Ensured by design. Not 100% tested in production.


Similar Part No. - UCC28221DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28221D TI-UCC28221D Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28221D TI1-UCC28221D Datasheet
918Kb / 32P
[Old version datasheet]   INTERILEAVED DUAL PWM CONTROLLER
UCC28221DG4 TI1-UCC28221DG4 Datasheet
918Kb / 32P
[Old version datasheet]   INTERILEAVED DUAL PWM CONTROLLER
More results

Similar Description - UCC28221DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28220 TI-UCC28220_15 Datasheet
897Kb / 32P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220-Q1 TI1-UCC28220-Q1 Datasheet
780Kb / 26P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC28220-Q1 TI-UCC28220-Q1_15 Datasheet
940Kb / 27P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
logo
Vishay Siliconix
SI9118 VISHAY-SI9118_11 Datasheet
174Kb / 11P
   Programmable Duty Cycle Controller
Rev. E, 16-May-11
SI9118 VISHAY-SI9118_V01 Datasheet
187Kb / 11P
   Programmable Duty Cycle Controller
01-Jan-2022
SI9118 VISHAY-SI9118 Datasheet
91Kb / 8P
   Programmable Duty Cycle Controller
Rev. B, 05 Apr-99
logo
Texas Instruments
UCC1807-1 TI1-UCC1807-1 Datasheet
3Mb / 16P
[Old version datasheet]   Programmable Maximum Duyt Cycle PWM Controller
logo
Cherry Semiconductor Co...
CS52845 CHERRY-CS52845 Datasheet
142Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com