Electronic Components Datasheet Search |
|
HMC349LP4C Datasheet(PDF) 4 Page - Hittite Microwave Corporation |
|
HMC349LP4C Datasheet(HTML) 4 Page - Hittite Microwave Corporation |
4 / 6 page 8 8 - 223 For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com Outline Drawing Part Number Package Body Material Lead Finish MSL Rating Package Marking [3] HMC349LP4C Low Stress Injection Molded Plastic Sn/Pb Solder MSL1 [1] H349 XXXX HMC349LP4CE RoHS-compliant Low Stress Injection Molded Plastic 100% matte Sn MSL1 [2] H349 XXXX [1] Max peak reflow temperature of 235 °C [2] Max peak reflow temperature of 260 °C [3] 4-Digit lot number XXXX Package Information HMC349LP4C / 349LP4CE HIGH ISOLATION SPDT NON-REFLECTIVE SWITCH, DC - 4.0 GHz v02.1205 NOTES: 1. LEADFRAME MATERIAL: COPPER ALLOY 2. DIMENSIONS ARE IN INCHES [MILLIMETERS] 3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE. 4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM. PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM. 5. PACKAGE WARP SHALL NOT EXCEED 0.05mm. 6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND. 7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED LAND PATTERN. |
Similar Part No. - HMC349LP4C |
|
Similar Description - HMC349LP4C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |