Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-BG33R4V Datasheet(PDF) 2 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-BG33R4V
Description  LED AlGaInP/GaAs Super Red Low current requirement.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-BG33R4V Datasheet(HTML) 2 Page - BRIGHT LED ELECTRONICS CORP

  BL-BG33R4V Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-BG33R4V Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
BG
G3
33
3R
R4
4V
V
Ver.2.0 Page: 2 of 2
SINCE 1981
Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF=20mA
-
2.0
2.6
V
Luminous Intensity
Iv
IF=20mA
-
1500
-
mcd
Reverse Current
IR
VR=5V
-
-
100
µA
Peak Wave Length
λ
p
IF=20mA
-
573
-
nm
Dominant Wave Length
λ
d
IF=20mA
569
-
575
nm
Spectral Line Half-width
∆λ
IF=20mA
-
15
-
nm
Viewing Angle
1/2
IF=20mA
-
12
-
deg
● Typical Electro-Optical Characteristics Curves
Forward current (mA)
0
0.5
10
20
30
40
vs. Forward current
Fig.5 Relative luminous intensity
1.5
1.0
2.0
Forward voltage(V)
0
10
1
20
30
23
4
0.8
0.7
0.3
0.5
0.1
0.9
1.0
0
60
0.4
0.2
0.6
90
70
80
50
40
20
10
30
50
Ambient temperature Ta( )
Fig.6 Radiation diagram
5
0.5
0
-40
-20
2.0
1.0
1.5
20
040
60
Fig.3 Forward current vs. Forward voltage
Fig.1 Relative intensity vs. Wavelength
Wavelength λ(nm)
50
40
0
525
575
0.5
1.0
vs. Ambient temperature
Fig.4 Relative luminous intensity
vs. Ambient temperature
Ambient temperature Ta( )
10
10
625
3.0
2.5
0
20
20
30
50
40
60
40
60
80
100
Fig.2 Forward current derating curve


Similar Part No. - BL-BG33R4V

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-BG33R4V-1 BRIGHT-BL-BG33R4V-1 Datasheet
143Kb / 3P
   LED LAMPS SPECIFICATION
More results

Similar Description - BL-BG33R4V

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-BS03V1 BRIGHT-BL-BS03V1 Datasheet
186Kb / 2P
   LED AlGaInP/GaAs Super Red Low current requirement.
BL-BF03V1 BRIGHT-BL-BF03V1 Datasheet
117Kb / 2P
   LED AlGaInP/GaAs Super Red Low current requirement.
BL-BF43V4V BRIGHT-BL-BF43V4V Datasheet
162Kb / 2P
   LED AlGaInP/GaAs Super Red Low current requirement.
BL-BU23V1M BRIGHT-BL-BU23V1M Datasheet
128Kb / 2P
   LED AlGaInP/GaAs Super Red Low current requirement.
BL-BF43V1M BRIGHT-BL-BF43V1M Datasheet
162Kb / 2P
   LED AlGaInP/GaAs Super Red Low current requirement.
BL-BG33J4 BRIGHT-BL-BG33J4 Datasheet
160Kb / 2P
   LED AlGaInP/GaAs Super Red Low current requirement.
BL-BD03V1M BRIGHT-BL-BD03V1M Datasheet
129Kb / 2P
   LED AlGaInP/GaAs Super Red Low current requirement.
BL-BF43R4G-1 BRIGHT-BL-BF43R4G-1 Datasheet
144Kb / 2P
   LED AlGaInP/GaAs Super Red Low current requirement.
BL-BF43V4V-1 BRIGHT-BL-BF43V4V-1 Datasheet
158Kb / 2P
   LED AlGaInP/GaAs Super Red Low current requirement.
BL-BF43V4V-2 BRIGHT-BL-BF43V4V-2 Datasheet
151Kb / 2P
   LED AlGaInP/GaAs Super Red Low current requirement.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com