Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA0018E Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HA0018E
Description  Remote Type 8-Bit MCU
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HA0018E Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HA0018E Datasheet HTML 3Page - Holtek Semiconductor Inc HA0018E Datasheet HTML 4Page - Holtek Semiconductor Inc HA0018E Datasheet HTML 5Page - Holtek Semiconductor Inc HA0018E Datasheet HTML 6Page - Holtek Semiconductor Inc HA0018E Datasheet HTML 7Page - Holtek Semiconductor Inc HA0018E Datasheet HTML 8Page - Holtek Semiconductor Inc HA0018E Datasheet HTML 9Page - Holtek Semiconductor Inc HA0018E Datasheet HTML 10Page - Holtek Semiconductor Inc HA0018E Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
HT48RA0-3/HT48CA0-3
Rev.1.10
7
October 12, 2007
With the exception of the TO and PDF flags, the other
status register bits can be altered by instructions like
most other register. Any data written into the status regis-
ter will not change the TO or PDF flags. In addition it
should be noted that operations related to the status reg-
ister may give different results from those intended. The
TO and PDF flags can only be changed by the Watchdog
Timer overflow, device power-up, clearing the Watchdog
Timer and executing the HALT instruction.
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
In addition, on executing a subroutine call, the status
register will not be automatically pushed onto the stack.
If the contents of the status are important and if the sub-
routine can corrupt the status register, precautions must
be taken to save it properly.
Oscillator Configuration
Only an external RC oscillator type is supported for the
HT48RA0-3/HT48CA0-3.
An external resistor between OSC1 and VSS in needed
whose resistance must be 12k
W for a 4MHz frequency.
The RC oscillator provides
± 3% accuracy, the condi-
tions are:
· V
DD= 2.0V ~ 3.6V
· Temperature = 0
°C ~ +50°C
· f
SYS= 4MHz
Watchdog Timer
- WDT
The WDT clock source is implemented by the instruction
clock which is the system clock divided by 4. The clock
source is processed by a frequency divider and a
prescaler to provide various time out periods.
WDT time out period =
Clock Source
2
n
Where n= 8~11 selected by a configuration option.
The WDT timer is designed to prevent a software mal-
function or sequence jumping to an unknown location
with unpredictable results. The Watchdog Timer can be
disabled by configuration option. If the Watchdog Timer
is disabled, all the executions related to the WDT result
in no operation and the WDT will lose its protection pur-
pose. In this situation the logic can only be restarted by
external logic.
A WDT overflow under normal operation will initialise a
²chip reset² and set the status bit ²TO². To clear the con-
tents of the WDT prescaler, two methods are adopted,
software instructions or a HALT instruction. There are two
types of software instructions. One type is the single in-
struction
²CLR WDT², the other type comprises two in-
structions,
²CLR WDT1² and ²CLR WDT2². Of these two
types of instructions, only one can be active depending on
the configuration option
-²CLR WDT times selection op-
tion
².Ifthe ²CLR WDT² is selected (i.e.. CLR WDT times
equal one), any execution of the CLR WDT instruction will
clear the WDT. In case
²CLR WDT1² and ²CLR WDT2² are
chosen (i.e.. CLR WDT times equal two), these two in-
structions must be executed to clear the WDT; otherwise,
the WDT may reset the chip due to a time-out.
R C O s c i l l a t o r
O S C 1
1 2 k W
System Oscillator
2 n
C l o c k S o u r c e
( S y s t e m C l o c k / 4 )
3 - b i t C o u n t e r
P r e s c a l l e r
( 8 - b i t )
W D T
T i m e - o u t
C o d e O p t i o n
S e l e c t
C o d e
O p t i o n
C l e a r W D T
F r e q u e n c y D i v i d e r
C l o c k S o u r c e
( n = 8 ~ 1 1 )
Watchdog Timer


Similar Part No. - HA0018E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HA0011E HOLTEK-HA0011E Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
HA0013E HOLTEK-HA0013E Datasheet
326Kb / 47P
   A/D Type 8-Bit OTP MCU
More results

Similar Description - HA0018E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
   Remote Type 8-Bit MCU
HT48RA0A HOLTEK-HT48RA0A Datasheet
238Kb / 31P
   8-Bit Remote Type MCU
HT48RA5 HOLTEK-HT48RA5_07 Datasheet
281Kb / 38P
   Remote Type 8-Bit MCU
HT48RA0 HOLTEK-HT48RA0 Datasheet
238Kb / 32P
   Remote Type 8-Bit MCU
HT48RA3 HOLTEK-HT48RA3_07 Datasheet
274Kb / 38P
   Remote Type 8-Bit MCU
HT48RA5 HOLTEK-HT48RA5 Datasheet
296Kb / 39P
   Remote Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com