Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL252G Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # RL252G
Description  CURRENT 2.5Amperes VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

RL252G Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  RL252G Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. RL252G Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RL251G THRU RL257G
Features
Mechanical Data
· The plastic package carries Underwrites Laboratory
Flammability Classification 94V-0
· High current capability
· Low reverse leakage
· Glass passivated junction
· Low forward voltage drop
· High temperature soldering guaranteed : 350℃/10 seconds,
0.375"(9.5mm) lead length, 5lbs.(2.3kg) tension
Maximum Ratings And Electrical Characteristics
· Case : JEDEC DO-201AD molded plastic body
· Terminals : Lead solderable per MIL-STD-750,
method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.021 ounce, 0.60 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0V DC.
(2) Thermal resistance from junction to ambient at 0.375"(9.5mm) lead length, P.C.B. mounted
CURRENT 2.5Amperes
VOLTAGE 50 to 1000 Volts
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms half sine
wave superimposed on rated load
(JEDEC method)
VDC
Maximum average forward rectified current
0.375"(9.5mm) lead length TA=75℃
Maximum instantaneous forward voltage
at 2.5A
VRRM
Volts
Symbols
Units
1.1
VF
VRMS
2.5
Amps
Amps
150.0
IFSM
TJ
TSTG
50.0
-50 to +175
Volts
Maximum reverse current
at rated DC blocking voltage
Typical thermal resistance (Note 2)
Typical junction capacitance (Note 1)
Operating and storage temperature range
50
RL
251G
35
50
5.0
35.0
Volts
μA
℃/W
pF
I(AV)
IR
JA
TA=25℃
TA=100℃
35.0
CJ
100
RL
252G
70
100
200
RL
253G
140
200
400
RL
254G
280
400
600
RL
255G
420
600
800
RL
256G
560
800
1000
RL
257G
700
1000
Dimensions in inches and (millimeters)
DO-201AD
1.0(25.4)
MIN.
1.0(25.4)
MIN.
0.375(9.5)
0.285(7.2)
0.042(1.1)
0.037(0.9)
DIA.
0.210(5.3)
0.188(4.8)
DIA.


Similar Part No. - RL252G

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RL252G GOOD-ARK-RL252G Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Rugao Dachang Electroni...
RL252G DACHANG-RL252G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.5 A
logo
Leshan Radio Company
RL252G LRC-RL252G Datasheet
176Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
logo
Rugao Dachang Electroni...
RL252G DACHANG-RL252G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
logo
Zibo Seno Electronic En...
RL252G ZSELEC-RL252G Datasheet
88Kb / 2P
   2.5A GLASS PASSIV ATED RECTIFIER
More results

Similar Description - RL252G

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
RL201G DAESAN-RL201G Datasheet
316Kb / 2P
   CURRENT 2.0Amperes VOLTAGE 50 to 1000 Volts
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
KBPC6005 DAESAN-KBPC6005 Datasheet
187Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
KBU4A DAESAN-KBU4A Datasheet
230Kb / 2P
   CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
HER501 DAESAN-HER501 Datasheet
287Kb / 2P
   CURRENT 5.0 Amperes VOLTAGE 50 to 1000 Volts
R1A1G DAESAN-R1A1G Datasheet
203Kb / 2P
   CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
KBJ4A DAESAN-KBJ4A Datasheet
240Kb / 2P
   CURRENT 4.0 Amperes VOLTAGE 50 to 1000 Volts
KBJ10A DAESAN-KBJ10A Datasheet
241Kb / 2P
   CURRENT 10.0 Amperes VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
KBL3005 DAESAN-KBL3005 Datasheet
227Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com