Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA0076E Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HA0076E
Description  Remote Type 8-Bit MCU
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HA0076E Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HA0076E Datasheet HTML 1Page - Holtek Semiconductor Inc HA0076E Datasheet HTML 2Page - Holtek Semiconductor Inc HA0076E Datasheet HTML 3Page - Holtek Semiconductor Inc HA0076E Datasheet HTML 4Page - Holtek Semiconductor Inc HA0076E Datasheet HTML 5Page - Holtek Semiconductor Inc HA0076E Datasheet HTML 6Page - Holtek Semiconductor Inc HA0076E Datasheet HTML 7Page - Holtek Semiconductor Inc HA0076E Datasheet HTML 8Page - Holtek Semiconductor Inc HA0076E Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Pin Description
Pin Name
I/O
Configuration
Option
Description
PA0~PA7
I/O
¾
Bidirectional 8-bit input/output port with pull-high resistors. Software instructions
determine if the pin is an NMOS output or Schmitt Trigger input.
PB0, PB1
I/O
Wake-up
Bidirectional 2-bit input/output lines with pull-high resistors. Each individual bit
can be configured as a wake-up input by a configuration option. Software in-
structions determine if the pin is an NMOS output or Schmitt Trigger input.
PB2~PB6
I
Wake-up
5-bit Schmitt Trigger input lines with pull-high resistors. Each individual bit can
be configured as a wake-up input by a configuration option.
PB7
I
Wake-up
1-bit Schmitt trigger input lines without pull-high resistor. This bit can be config-
ured as a wake-up input by a configuration option.
REM
O
¾
Carrier output pin.
OSC1
I
¾
OSC1 is connected to an external resistor for the internal system clock.
VDD
¾¾
Positive power supply
VSS
¾
¾
Negative power supply, ground
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+4.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................150mA
IOH Total............................................................
-100mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.0
¾
3.6
V
IDD
Operating Current
3V
No load, fSYS=4MHz
¾
0.7
1.5
mA
ISTB
Standby Current
3V
No load, system HALT
¾¾
1
mA
VIL
Input Low Voltage for I/O Ports
3V
¾
0
¾
0.2VDD
V
VIH
Input High Voltage for I/O Ports
3V
¾
0.8VDD
¾
VDD
V
VLVR
Low Voltage Reset Voltage
¾¾
1.8
1.9
2.0
V
IOL
I/O Ports Sink Current
3V
VOL=0.1VDD
48
¾
mA
IOH
REM Output Source Current
3V
VOH=0.9VDD
-5
-7
¾
mA
RPH
Pull-high Resistance
3V
¾
100
150
200
k
W
VPOR
VDD Start Voltage to ensure
Power-on Reset
¾¾
¾
¾
100
mV
RPOR
VDD Rise Rate to ensure
Power-on Reset
¾¾
0.035
¾¾
V/ms
HT48RA0-3/HT48CA0-3
Rev.1.10
3
October 12, 2007


Similar Part No. - HA0076E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HA0075E HOLTEK-HA0075E Datasheet
468Kb / 60P
   Cost-Effective A/D Type 8-Bit MCU
HA0075E HOLTEK-HA0075E Datasheet
614Kb / 99P
   TinyPowerTM C/R-F Type 8-Bit OTP MCU
HA0075EMCU HOLTEK-HA0075EMCU Datasheet
1Mb / 142P
   8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
Rev. 0.00 February 26, 2010
HA0075SMCU HOLTEK-HA0075SMCU Datasheet
534Kb / 14P
   Small Form 8-Bit OTP MCU
Rev. 0.00 August 31, 2009
More results

Similar Description - HA0076E

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
   Remote Type 8-Bit MCU
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
   8-Bit Remote Type MCU
HT48RA1 HOLTEK-HT48RA1 Datasheet
308Kb / 39P
   Remote Type 8-Bit MCU
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
   Remote Type 8-bit MCU
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
   Remote Type 8-Bit MCU
HT48RA0A HOLTEK-HT48RA0A Datasheet
238Kb / 31P
   8-Bit Remote Type MCU
HT48RA5 HOLTEK-HT48RA5_07 Datasheet
281Kb / 38P
   Remote Type 8-Bit MCU
HT48RA0 HOLTEK-HT48RA0 Datasheet
238Kb / 32P
   Remote Type 8-Bit MCU
HT48RA3 HOLTEK-HT48RA3_07 Datasheet
274Kb / 38P
   Remote Type 8-Bit MCU
HT48RA5 HOLTEK-HT48RA5 Datasheet
296Kb / 39P
   Remote Type 8-Bit MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com