Electronic Components Datasheet Search |
|
MIC38HC45BN Datasheet(PDF) 5 Page - Micrel Semiconductor |
|
MIC38HC45BN Datasheet(HTML) 5 Page - Micrel Semiconductor |
5 / 8 page MIC38HC42/3/4/5 Micrel, Inc. April 2005 5 M9999-042205 Parameter Test Conditions Min Typ Max Units Current Sense Gain Notes 2, 3 2.85 3.0 3.15 V/V MaximumThreshold V COMP = 5V, Note 2 0.9 1 1.1 V PSRR 12 ≤ VDD ≤ 18V, Note 2 70 dB Input Bias Current –0.1 –2 µA Delay to Output 120 250 ns Output R DS(ON) ‘HC’ High I SOURCE = 200mA 10 Ω R DS(ON) ‘HC’ Low I SINK = 200mA 5.5 Ω Rise Time T A = 25°C, CL = 1nF 20 50 ns Fall Time T A = 25°C, CL = 1nF 15 40 ns Undervoltage Lockout Start Threshold MIC38HC42/4 13.5 14.5 15.5 V MIC38HC43/5 7.8 8.4 9.0 V Minimum Operating Voltage MIC38HC42/4 8 9 10 V MIC38HC43/5 7.0 7.6 8.2 V Pulse Width Modulator Maximum Duty Cycle MIC38HC42/3 94 96 % MIC38HC44/5 46 50 % Minimum Duty Cycle 0% Total Standby Current Start-Up Current V DD = 13V, 38HC42/44 50 200 µA V DD = 7.5V, 38HC43/45 Operating Supply Current V FB = VISNS = 0V 4.0 6.0 mA Zener Voltage (V DD)IDD = 25mA, Note 6 30 37 V Note 1: These parameters, although guaranteed, are not 100% tested in production. Note 2: Parameter measured at trip point of latch with V EA = 0. Note 3: Gain defined as: A = V V (I ) 0 V (I ) 0.8V PIN1 TH SNS TH SNS ∆ ; ≤≤ Note 4: Adjust V DD above the start threshold before setting at 15V. Note 5: Output frequency equals oscillator frequency for the MIC38HC42 and MIC38HC43. Output frequency for the MIC38HC44, and MIC38HC45 equals one half the oscillator frequency. Note 6: On 8-pin version, 20V is maximum input on pin 7, as this is also the supply pin for the output stage. On 14-pin version, 40V is maximum for pin 12 and 20V maximum for pin 11. |
Similar Part No. - MIC38HC45BN |
|
Similar Description - MIC38HC45BN |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |