Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-BG63V4V Datasheet(PDF) 3 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-BG63V4V
Description  LED AlInGaN Green Low current requirement.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-BG63V4V Datasheet(HTML) 3 Page - BRIGHT LED ELECTRONICS CORP

  BL-BG63V4V Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-BG63V4V Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP BL-BG63V4V Datasheet HTML 3Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
B
BL
L--B
BG
G6
63
3V
V4
4V
V
Ver.1.0 Page: 3 of 3
SINCE 1981
● Bin Limits
1. Intensity Bin Limits (At IF= 20mA)
Bin Code
Min. (mcd)
Max. (mcd)
:
:
:
Y
2090
4260
Z
3220
6440
ZA
4880
9660
ZB
7320
14490
ZC
11000
14490
:
:
:
2. C o lor Bin L i mits (At I F=2 0m A ) : Dominant Wave Length λd(nm)
Bin Code
Min. (nm)
Max. (nm)
6
519
526
7
524
531
Bin: x
x
color bin code
Int ensity bin code


Similar Part No. - BL-BG63V4V

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-BG63V4V-1 BRIGHT-BL-BG63V4V-1 Datasheet
135Kb / 3P
   LED AlInGaN Green Low current requirement.
BL-BG63V4V-2 BRIGHT-BL-BG63V4V-2 Datasheet
133Kb / 3P
   LED AlInGaN Green Low current requirement.
More results

Similar Description - BL-BG63V4V

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-BG63V4V-2 BRIGHT-BL-BG63V4V-2 Datasheet
133Kb / 3P
   LED AlInGaN Green Low current requirement.
BL-BG43V1 BRIGHT-BL-BG43V1 Datasheet
134Kb / 3P
   LED AlInGaN Green Low current requirement.
BL-BG63V1 BRIGHT-BL-BG63V1 Datasheet
140Kb / 3P
   LED AlInGaN Green Low current requirement.
BL-BG63V4V-1 BRIGHT-BL-BG63V4V-1 Datasheet
135Kb / 3P
   LED AlInGaN Green Low current requirement.
BL-BG43V1M BRIGHT-BL-BG43V1M Datasheet
137Kb / 3P
   LED AlInGaN Green Low current requirement.
BL-BG43V4V BRIGHT-BL-BG43V4V Datasheet
135Kb / 3P
   LED AlInGaN Green Low current requirement.
BL-BG43V4V-1 BRIGHT-BL-BG43V4V-1 Datasheet
138Kb / 3P
   LED AlInGaN Green Low current requirement.
BL-BG63R4V BRIGHT-BL-BG63R4V Datasheet
152Kb / 3P
   LED AlInGaN Green Low current requirement.
BL-BB44V4V BRIGHT-BL-BB44V4V Datasheet
162Kb / 3P
   LED AlInGaN Super Blue Low current requirement.
BL-BB74V4V-1 BRIGHT-BL-BB74V4V-1 Datasheet
135Kb / 3P
   LED AlInGaN Super Blue Low current requirement.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com