Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC373LP3 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC373LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC373LP3 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC373LP3_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC373LP3_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC373LP3_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC373LP3_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC373LP3_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC373LP3_06 Datasheet HTML 6Page - Hittite Microwave Corporation HMC373LP3_06 Datasheet HTML 7Page - Hittite Microwave Corporation HMC373LP3_06 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
5 - 108
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Typical Supply Current vs. Vdd
Vdd (Vdc)
Idd (mA)
+4.5
87
+5.0
90
+5.5
93
Drain Bias Voltage (Vdd)
+8.0 Vdc
RF Input Power
(RFin)(Vdd = +5.0 Vdc)
LNA Mode
Bypass Mode
+15 dBm
+30 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 13.5 mW/°C above 85 °C)
0.878 W
Thermal Resistance
(channel to ground paddle)
74.1 °C/W
Storage Temperature
-65 to +150° C
Operating Temperature
-40 to +85° C
Absolute Maximum Ratings
Outline Drawing
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED LAND PATTERN.
LNA Mode
Vctl= Short Circuit to DC Ground
Bypass Mode
Vctl= Open Circuit
Truth Table
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC373LP3
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
373
XXXX
HMC373LP3E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
373
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
HMC373LP3 / 373LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
v02.0605
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS


Similar Part No. - HMC373LP3_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC373LP3E HITTITE-HMC373LP3E Datasheet
280Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
logo
Analog Devices
HMC373LP3E AD-HMC373LP3E Datasheet
426Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
logo
Hittite Microwave Corpo...
HMC373LP3 HITTITE-HMC373LP3_10 Datasheet
280Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
More results

Similar Description - HMC373LP3_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3_10 Datasheet
280Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC372LP3 HITTITE-HMC372LP3 Datasheet
277Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC372LP3 HITTITE-HMC372LP3_10 Datasheet
256Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC372LP3 HITTITE-HMC372LP3_06 Datasheet
350Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC376LP3 HITTITE-HMC376LP3_10 Datasheet
207Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
HMC376LP3 HITTITE-HMC376LP3 Datasheet
278Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
logo
Analog Devices
HMC373LP3 AD-HMC373LP3 Datasheet
426Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
logo
Hittite Microwave Corpo...
HMC668LP3 HITTITE-HMC668LP3 Datasheet
1Mb / 10P
   GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 700 - 1200 MHz
HMC593LP3 HITTITE-HMC593LP3_09 Datasheet
295Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com