Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S3A Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # S3A
Description  CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

S3A Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  S3A Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. S3A Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S3A THRU S3M
Features
Mechanical Data
· For surface mounted applications
· Glass passivated junction
· Low profile package
· Built-in strain relief, ideal for automated placement
· Plastic package has Unerwrites Laboratory
Flammability Classification 94V-0
· High temperature soldering guaranteed: 250℃/10
seconds, at terminals
Maximum Ratings And Electrical Characteristics
· Case : JEDEC SMC(DO-214AB) molded plastic body
· Terminals : Plated axial lead solderable per
MIL-STD-750, method 2026
· Polarity : Color band denotes cathode end
· Mounting Position : Any
· Weight : 0.007 ounce, 0.25 gram
(Ratings at 25℃ ambient temperature unless otherwise specified, Single phase, half wave 60Hz, resistive or inductive
load. For capacitive load, derate by 20%)
CURRENT 3.0 Amperes
VOLTAGE 50 to 1000 Volts
Notes:
(1) Measured at 1MHz and applied reverse voltage of 4.0V dc.
(2) Thermal resistance from junction to ambient and from junction to lead mounted on 0.2×0.2"(0.5×0.5mm)
copper opad areas.
(3) Reverse recovery test conditions:IF=0.5A, IR=1.0A, Irr=0.25A
Maximum recurrent peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Volts
Peak forward surge current 8.3ms half sine
wave superimposed on rated load
(JEDEC method) TL=75℃
VDC
Maximum average forward rectified current
at TL=75℃ (Note 2)
Maximum instantaneous forward voltage
at 1.0A
VRRM
Volts
Symbols
Units
1.15
VF
VRMS
3.0
Amps
Amps
100.0
IFSM
TJ
TSTG
250
-55 to +175
Volts
Maximum reverse
current at rated voltage
Typical thermal resistance (Note 2)
Typical reverse capacitance (Note 3)
Operating and storage temperature range
50
S3A
35
50
1.0
13.0
Volts
μA
℃/W
μS
I(AV)
IR
JL
TA=25℃
TA=125℃
2.5
trr
100
S3B
70
100
200
S3D
140
200
400
S3G
280
400
600
S3J
420
600
800
S3K
560
800
1000
S3M
700
1000
Typical junction capacitance (Note 1)
pF
60.0
CJ
47.0
JA
Dimensions in inches and (millimeters)
0.124(3.15)
0.108(2.75)
0.245(6.22)
0.220(5.59)
0.012(0.31)
0.006(0.15)
0.280(7.11)
0.260(6.60)
0.103(2.62)
0.079(2.00)
0.050(1.27)
0.030(0.76)
0.008(0.203)
MAX.
0.320(8.13)
0.305(7.75)
DO-214AB (SMC)


Similar Part No. - S3A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S3A PANJIT-S3A Datasheet
415Kb / 2P
   SURFACE MOUNT RECTIFIER(VOLTAGE- 50-100 Volts CURRENT- 3.0 Ampere)
logo
GUANGDONG HOTTECH INDUS...
S3A HOTTECH-S3A Datasheet
231Kb / 2P
   Plastic-Encapsulate Diodes
logo
Shanghai Shunye Electro...
S3A SY-S3A Datasheet
234Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
List of Unclassifed Man...
S3A ETC1-S3A Datasheet
730Kb / 2P
   SURFACE MOUNT GENERAL RECTIFIER
logo
Diotec Semiconductor
S3A DIOTEC-S3A Datasheet
166Kb / 2P
   Surface Mount Si-Rectifiers
More results

Similar Description - S3A

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
KBPC3005 DAESAN-KBPC3005 Datasheet
178Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301G DAESAN-HER301G Datasheet
306Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301 DAESAN-FR301 Datasheet
312Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
HER301 DAESAN-HER301 Datasheet
229Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
UF5400 DAESAN-UF5400 Datasheet
230Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
1N5400 DAESAN-1N5400 Datasheet
213Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
KBL3005 DAESAN-KBL3005 Datasheet
227Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
FR301G DAESAN-FR301G Datasheet
316Kb / 2P
   CURRENT 3.0 Amperes VOLTAGE 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
KBP301-KBP YFWDIODE-KBP301-KBP Datasheet
895Kb / 2P
   Voltage Range 50 to 1000 Volts Current 3.0 Amperes
logo
PACELEADER INDUSTRIAL
FR301 PACELEADER-FR301 Datasheet
469Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 3.0 Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com