Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC380QS16G Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC380QS16G
Description  PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC380QS16G Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC380QS16G_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC380QS16G_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC380QS16G_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC380QS16G_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC380QS16G_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC380QS16G_06 Datasheet HTML 6Page - Hittite Microwave Corporation HMC380QS16G_06 Datasheet HTML 7Page - Hittite Microwave Corporation HMC380QS16G_06 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7
7 - 242
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input and Output IP3 vs. Temperature
Input and Output IP3 vs LO Drive
Noise Figure vs Temperature
Swept LO, Fixed IF = 250 MHz
Noise Figure
Swept IF, Fixed LO = 1.7 GHz
* Unless otherwise noted all measurements with low side LO & IF = 250 MHz.
** If matching must be tuned for optimal results, see application circuit herein.
Conversion Gain
with IF Tuned for 70 MHz
IP3 with IF Tuned for 70 MHz
0
10
20
30
40
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
OIP3, +25C
OIP3, +85C
OIP3, -40C
IIP3, +25C
IIP3, +85C
IIP3, -40C
RF FREQUENCY (GHz)
OIP3
IIP3
0
10
20
30
40
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
OIP3, LO=-5dBm
OIP3, LO=-2dBm
OIP3, LO= 0dBm
IIP3, LO=-5dBm
IIP3, LO=-2dBm
IIP3, LO= 0dBm
RF FREQUENCY (GHz)
OIP3
IIP3
5
6
7
8
9
10
11
12
13
14
15
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
+ 25C
+ 85C
- 40C
RF FREQUENCY (GHz)
5
6
7
8
9
10
11
12
13
14
15
50
100
150
200
250
300
350
400
IF FREQUENCY (MHz)
5
6
7
8
9
10
11
12
13
14
15
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
FREQUENCY (GHz)
0
10
20
30
40
1.6
1.7
1.8
1.9
2
2.1
2.2
2.3
INPUT IP3
OUTPUT IP3
FREQUENCY (GHz)
HMC380QS16G / 380QS16GE
PCS/UMTS HIGH IP3 RFIC
DOWNCONVERTER, 1.7 - 2.2 GHz
v02.0305


Similar Part No. - HMC380QS16G_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
More results

Similar Description - HMC380QS16G_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC421QS16 HITTITE-HMC421QS16_10 Datasheet
808Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC421QS16 HITTITE-HMC421QS16 Datasheet
278Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
logo
TriQuint Semiconductor
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
   1.7-2.2 GHz High IP3 Dual Channel Downconverter
logo
Hittite Microwave Corpo...
HMC682LP6C HITTITE-HMC682LP6C Datasheet
890Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com