Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC380QS16G Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC380QS16G
Description  PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC380QS16G Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC380QS16G Datasheet HTML 1Page - Hittite Microwave Corporation HMC380QS16G Datasheet HTML 2Page - Hittite Microwave Corporation HMC380QS16G Datasheet HTML 3Page - Hittite Microwave Corporation HMC380QS16G Datasheet HTML 4Page - Hittite Microwave Corporation HMC380QS16G Datasheet HTML 5Page - Hittite Microwave Corporation HMC380QS16G Datasheet HTML 6Page - Hittite Microwave Corporation HMC380QS16G Datasheet HTML 7Page - Hittite Microwave Corporation HMC380QS16G Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7
7 - 243
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Harmonics of LO
MxN Spurious @ IF Port
nLO
mRF
0
1234
0xx
40
60
58
35
162062
87
102
2124
101
55
94
110
3126
126
113
76
112
4
121
127
128
124
116
RF Freq. = 1.9 GHz @ -10 dBm
LO Freq. = 1.65 GHz @ -5 dBm
All values in dBc relative to the IF power level.
nLO Spur @ RF Port
LO Freq. (GHz)
1
2
3
4
1.4
23
3
16
15
1.6
26
6
12
18
1.8
26
8
10
29
2.0
24
8
12
31
2.2
38
10
14
35
2.4
23
12
19
40
LO = -5 dBm
All values in dBc below input LO level measured at RF port.
HMC380QS16G / 380QS16GE
PCS/UMTS HIGH IP3 RFIC
DOWNCONVERTER, 1.7 - 2.2 GHz
v02.0305


Similar Part No. - HMC380QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16GE HITTITE-HMC380QS16GE Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
More results

Similar Description - HMC380QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC421QS16 HITTITE-HMC421QS16_10 Datasheet
808Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC421QS16 HITTITE-HMC421QS16 Datasheet
278Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
logo
TriQuint Semiconductor
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
   1.7-2.2 GHz High IP3 Dual Channel Downconverter
logo
Hittite Microwave Corpo...
HMC682LP6C HITTITE-HMC682LP6C Datasheet
890Kb / 10P
   HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com