Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

387MS8E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # 387MS8E
Description  HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

387MS8E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  387MS8E Datasheet HTML 1Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 2Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 3Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 4Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 5Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 6Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 7Page - Hittite Microwave Corporation 387MS8E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
7
7 - 261
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1LO
This pin is AC coupled & matched to 50 Ohms
when an external series inductor (L1) and shunt
capacitor (C1) is connected to the LO. Choose values
of L1 and C1 to optimize LO frequency response.
See Application Circuit herein.
2, 4
N/C
Not connected.
3, 6, 7
GND
This pin must be connected to RF ground.
5IF
This pin is DC coupled. For applications not requiring
operation to DC this port should be DC blocked
externally using a series capacitor.
Choose value of C1 to pass IF frequency desired.
For operation to DC, this pin must not sink/source
more than 40 mA of current or failure may result.
8RF
This pin is DC coupled & matched to 50 Ohms
from 450 - 500 MHz
HIGH IP3 GaAs MMIC
MIXER, 450 - 500 MHz
v02.0705
HMC387MS8 / 387MS8E


Similar Part No. - 387MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
387MS8E HITTITE-387MS8E Datasheet
227Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
More results

Similar Description - 387MS8E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC387MS8 HITTITE-HMC387MS8_08 Datasheet
227Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC387MS8 HITTITE-HMC387MS8 Datasheet
224Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 450 - 500 MHz
HMC399MS8 HITTITE-HMC399MS8_06 Datasheet
323Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC399MS8 HITTITE-HMC399MS8 Datasheet
231Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC399MS8 HITTITE-HMC399MS8_08 Datasheet
232Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 700 - 1000 MHz
HMC400MS8 HITTITE-HMC400MS8 Datasheet
223Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC402MS8 HITTITE-HMC402MS8 Datasheet
215Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC214MS8 HITTITE-HMC214MS8_09 Datasheet
199Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC214MS8 HITTITE-HMC214MS8 Datasheet
274Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
HMC400MS8 HITTITE-HMC400MS8_08 Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com