Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC452QS16G Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # HMC452QS16G
Description  InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC452QS16G Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC452QS16G_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC452QS16G_06 Datasheet HTML 6Page - Hittite Microwave Corporation HMC452QS16G_06 Datasheet HTML 7Page - Hittite Microwave Corporation HMC452QS16G_06 Datasheet HTML 8Page - Hittite Microwave Corporation HMC452QS16G_06 Datasheet HTML 9Page - Hittite Microwave Corporation HMC452QS16G_06 Datasheet HTML 10Page - Hittite Microwave Corporation HMC452QS16G_06 Datasheet HTML 11Page - Hittite Microwave Corporation HMC452QS16G_06 Datasheet HTML 12Page - Hittite Microwave Corporation HMC452QS16G_06 Datasheet HTML 13Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
5
5 - 260
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Output IP3 vs. Temperature @ 1900 MHz
Noise Figure vs.
Temperature @ 1900 MHz
Gain, Power & IP3
vs. Supply Voltage @ 1900 MHz
Reverse Isolation
vs. Temperature @ 1900 MHz
ACPR vs. Supply Voltage @ 1960 MHz
CDMA 2000, 9 Channels Forward
Gain, Power & IP3
vs. Supply Current @ 1900 MHz*
* Icq is controlled by varying VPD.
30
32
34
36
38
40
42
44
46
48
50
52
1.7
1.8
1.9
2
2.1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
1.7
1.8
1.9
2
2.1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-20
-15
-10
-5
0
1.7
1.8
1.9
2
2.1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
5
10
15
20
25
30
35
40
45
50
55
4.5
4.75
5
5.25
5.5
Gain
P1dB
Psat
OIP3
Vs (Vdc)
5
10
15
20
25
30
35
40
45
50
250
300
350
400
450
500
Gain
P1dB
Psat
OIP3
Icq (mA)
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
14
16
18
20
22
24
26
28
Channel Power (dBm)
Source ACPR
CDMA2000
Frequency: 1.96 GHz
Integration BW: 1.228 MHz
Forward Link, SR1, 9 Channels
5.5V
4.5V
5V
HMC452QS16G / 452QS16GE
v01.0205
InGaP HBT 1 WATT POWER
AMPLIFIER, 0.4 - 2.2 GHz


Similar Part No. - HMC452QS16G_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC452QS16G HITTITE-HMC452QS16G_09 Datasheet
742Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
More results

Similar Description - HMC452QS16G_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC452ST89 HITTITE-HMC452ST89_10 Datasheet
743Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452ST89 HITTITE-HMC452ST89 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_09 Datasheet
742Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453QS16G HITTITE-HMC453QS16G_09 Datasheet
705Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89_10 Datasheet
752Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89 Datasheet
1Mb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453QS16G HITTITE-HMC453QS16G_06 Datasheet
1,023Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC457QS16G HITTITE-HMC457QS16G_09 Datasheet
365Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G Datasheet
372Kb / 12P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.45 - 2.2 GHz
HMC457QS16G HITTITE-HMC457QS16G Datasheet
355Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com