Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC452QS16G Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC452QS16G
Description  InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC452QS16G Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC452QS16G_06 Datasheet HTML 6Page - Hittite Microwave Corporation HMC452QS16G_06 Datasheet HTML 7Page - Hittite Microwave Corporation HMC452QS16G_06 Datasheet HTML 8Page - Hittite Microwave Corporation HMC452QS16G_06 Datasheet HTML 9Page - Hittite Microwave Corporation HMC452QS16G_06 Datasheet HTML 10Page - Hittite Microwave Corporation HMC452QS16G_06 Datasheet HTML 11Page - Hittite Microwave Corporation HMC452QS16G_06 Datasheet HTML 12Page - Hittite Microwave Corporation HMC452QS16G_06 Datasheet HTML 13Page - Hittite Microwave Corporation HMC452QS16G_06 Datasheet HTML 14Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
5
5 - 261
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input Return Loss
vs. Temperature @ 2100 MHz
Output Return Loss
vs. Temperature @ 2100 MHz
Broadband Gain
& Return Loss @ 2100 MHz
Gain vs. Temperature @ 2100 MHz
P1dB vs. Temperature @ 2100 MHz
Psat vs. Temperature @ 2100 MHz
-25
-20
-15
-10
-5
0
5
10
15
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
3
S21
S11
S22
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
1.9
2
2.1
2.2
2.3
+25C
+85C
-40C
FREQUENCY (GHz)
-16
-14
-12
-10
-8
-6
-4
-2
0
1.9
2
2.1
2.2
2.3
+25C
+85C
-40C
FREQUENCY (GHz)
24
25
26
27
28
29
30
31
32
33
34
1.9
2
2.1
2.2
2.3
+25C
+85C
-40C
FREQUENCY (GHz)
24
25
26
27
28
29
30
31
32
33
34
1.9
2
2.1
2.2
2.3
+25C
+85C
-40C
FREQUENCY (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
1.9
2
2.1
2.2
2.3
+25C
+85C
-40C
FREQUENCY (GHz)
HMC452QS16G / 452QS16GE
v01.0205
InGaP HBT 1 WATT POWER
AMPLIFIER, 0.4 - 2.2 GHz


Similar Part No. - HMC452QS16G_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC452QS16G HITTITE-HMC452QS16G_09 Datasheet
742Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
More results

Similar Description - HMC452QS16G_06

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC452ST89 HITTITE-HMC452ST89_10 Datasheet
743Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452ST89 HITTITE-HMC452ST89 Datasheet
1Mb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G_09 Datasheet
742Kb / 22P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453QS16G HITTITE-HMC453QS16G_09 Datasheet
705Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89_10 Datasheet
752Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453ST89 HITTITE-HMC453ST89 Datasheet
1Mb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC453QS16G HITTITE-HMC453QS16G_06 Datasheet
1,023Kb / 22P
   InGaP HBT 1.6 WATT POWER AMPLIFIER, 0.4 - 2.2 GHz
HMC457QS16G HITTITE-HMC457QS16G_09 Datasheet
365Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
HMC452QS16G HITTITE-HMC452QS16G Datasheet
372Kb / 12P
   InGaP HBT 1 WATT POWER AMPLIFIER, 0.45 - 2.2 GHz
HMC457QS16G HITTITE-HMC457QS16G Datasheet
355Kb / 10P
   InGaP HBT 1 WATT POWER AMPLIFIER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com