Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-BYG274 Datasheet(PDF) 1 Page - BRIGHT LED ELECTRONICS CORP

Part # BL-BYG274
Description  LED GaAsP/GaP and GaP/GaP Yellow and Green Low current requirement.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP

BL-BYG274 Datasheet(HTML) 1 Page - BRIGHT LED ELECTRONICS CORP

  BL-BYG274 Datasheet HTML 1Page - BRIGHT LED ELECTRONICS CORP BL-BYG274 Datasheet HTML 2Page - BRIGHT LED ELECTRONICS CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
BL-BYG274
Ver.2.0 Page: 1 of 2
SINCE 1981
5.7(.22)
Yellow
Cathode
2.54(.10) NOM.
1.5(.059) MAX.
0.5(.02)
SQ. TYP.
5.0(.197)
1.0(.04)
25.4(1.0) MIN.
1.0(.04) MIN.
8.62(.339)
Cathode
Green
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (0.01”) unless otherwise specified.
3. Lead spacing is measured where the leads emerge from
the package.
4. Specifications are subject to change without notice.
● Features:
● Package dimensions:
1. Chip material: GaAsP/GaP(Yellow)
and GaP/GaP(Green)
2. Emitted color : Yellow and Green
3. Lens Appearance : White Diffused
4. Low power consumption.
5. High efficiency.
6. Versatile mounting on P.C. Board or panel.
7. Low current requirement.
8. 5mm diameter package.
9. This product don’t contained restriction
substance, compliance ROHS standard.
● Applications:
1. TV set
2. Monitor
3. Telephone
4. Computer
5. Circuit board
● Absolute Maximum Ratings(Ta=25℃)
Parameter
Symbol
Yellow
Green
Unit
Power Dissipation
Pd
80
80
mW
Forward Current
IF
30
30
mA
Peak Forward Current*1
IFP
150
150
mA
Operating Temperature
Topr
-40~80
Storage Temperature
Tstg
-40~85
Soldering Temperature
Tsol
260(for 5 seconds)
*1Condition for IFP is pulse of 1/10 duty and 0.1msec width.


Similar Part No. - BL-BYG274

ManufacturerPart #DatasheetDescription
logo
Yellow Stone Corp
BL-BYG274 YSTONE-BL-BYG274 Datasheet
111Kb / 1P
   DUAL-CHIP LED LAMPS
More results

Similar Description - BL-BYG274

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-BYG201 BRIGHT-BL-BYG201 Datasheet
140Kb / 2P
   LED GaAsP/GaP Yellow and Green Low current requirement.
BL-BYG271 BRIGHT-BL-BYG271 Datasheet
133Kb / 2P
   LED GaAsP/GaP yellow and green Low current requirement.
BL-BYG204 BRIGHT-BL-BYG204 Datasheet
144Kb / 2P
   LED GaAsP/GaP Yellow and Green Low current requirement.
BL-B3337M BRIGHT-BL-B3337M Datasheet
130Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-B3134G-1 BRIGHT-BL-B3134G-1 Datasheet
147Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-B3139 BRIGHT-BL-B3139 Datasheet
159Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-B3141Q BRIGHT-BL-B3141Q Datasheet
134Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-B3334A BRIGHT-BL-B3334A Datasheet
139Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-B3139B BRIGHT-BL-B3139B Datasheet
160Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
BL-B3334G-1 BRIGHT-BL-B3334G-1 Datasheet
147Kb / 2P
   LED GaAsP/GaP YELLOW Low current requirement.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com