Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBR1040 Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # SBR1040
Description  CURRENT 10.0Amperes VOLTAGE 20 to 60 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

SBR1040 Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  SBR1040 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. SBR1040 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBR1020 THRU SBR1060
CURRENT 10.0Amperes
VOLTAGE 20 to 60 Volts
Maximum Ratings and Electrical Characteristics
Notes:
(1) Pulse test: 300
μS pulse width, 1% duty cycle
(2) Thermal resistance from junction to case
(Ratings at 25
℃ ambient temperature unless otherwise specified, single phase, half wave, resistive or inductive
load. For capacitive load, derate by 20%)
Features
Mechanical Data
· Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
· Metal silicon junction, majority carrier conduction
· Guard ring for overvoltage protection
· Low power loss, high efficiency
· High current capability, Low forward voltage drop
· Single rectifier construction
· High surge capability
· For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
· High temperature soldering guaranteed :
250
℃/10 seconds, 0.25" (6.35mm) from case
· Case : JEDEC TO-220 molded plastic body
· Terminals : Lead solderable per
MIL-STD-750, Method 2026
· Polarity : As marked
· Mounting Position : Any
· Weight : 0.08ounce, 2.24 grams
Symbols
SBR1020
SBR1040
Units
Maximum repetitive peak reverse voltage
VRRM
20
30
40
Volts
Maximum RMS voltage
VRMS
0.70
Maximum DC blocking Voltage
VDC
Volts
Maximum average forward rectified current
(see Fig. 1)
I(AV)
10.0
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
150.0
Amps
Maximum instantaneous forward voltage
at 10A (Note 1)
VF
1.0
Volts
TA=25
Maximum instantaneous reverse
current at rated DC blocking
voltage (Note1)
TA=125
mA
Typical thermal resistance (Note 2)
℃/W
Operating junction temperature range
IR
IFSM
TJ
Volts
SBR1030
14
21
28
20
30
40
Repetitive peak forward current(square wavr,
20KHZ) at Tc=105
Storage temperature range
TSTG
-65 to +150
-65 to +150
SBR1050
50
60
SBR1060
35
42
50
60
R
θJC
2.5
30
20.0
Amps
Amps
IFRM
0.80
Dimensions in inches and (millimeters)
TO-220A
.412
.248
.040
.158
.595
.550
.200
.051
.040
.108
(10.5)
(6.3)
(1.0)
(4.0)
(15.1)
(14.0)
(5.08)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MAX.
MIN.
MAX.
MAX.
3.8 +.2
HOLE THRU
f
++
++
PIN 1
PIN 2
CASE
Case Positive
.180
.050
.120
(4.6)
(1.27)
(3.05)
++
PIN 1
PIN 2
CASE
Case Negative
Suffix "R"


Similar Part No. - SBR1040

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SBR1040 SECOS-SBR1040 Datasheet
368Kb / 2P
   VOLTAGE 40V 10.0AMP Schottky Barrier Rectifiers
logo
Diodes Incorporated
SBR1040CT DIODES-SBR1040CT Datasheet
171Kb / 3P
   10A SBR Super Barrier Rectifier
SBR1040 Rev. 2
SBR1040CT DIODES-SBR1040CT Datasheet
168Kb / 5P
   SUPER BARRIER RECTIFIER
SBR1040CT DIODES-SBR1040CT Datasheet
168Kb / 5P
   10A SBR짰 SUPER BARRIER RECTIFIER
SBR1040CT-G DIODES-SBR1040CT-G Datasheet
168Kb / 5P
   SUPER BARRIER RECTIFIER
More results

Similar Description - SBR1040

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
SBP1020 DAESAN-SBP1020 Datasheet
381Kb / 2P
   CURRENT 10.0Amperes VOLTAGE 20 to 100 Volts
logo
Microdiode Electronics ...
SR15150 CHENDA-SR15150 Datasheet
350Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
Gaomi Xinghe Electronic...
SRF1040CT GXELECTRONICS-SRF1040CT Datasheet
333Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF1080CT GXELECTRONICS-SRF1080CT Datasheet
333Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF1080I GXELECTRONICS-SRF1080I Datasheet
473Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF10100 GXELECTRONICS-SRF10100 Datasheet
473Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF10150 GXELECTRONICS-SRF10150 Datasheet
473Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
Microdiode Electronics ...
SRF860 CHENDA-SRF860 Datasheet
330Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF1040 CHENDA-SRF1040 Datasheet
473Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
SRF10150 CHENDA-SRF10150 Datasheet
473Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com