Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC440QS16G Datasheet(PDF) 10 Page - Hittite Microwave Corporation

Part # HMC440QS16G
Description  HBT DIGITAL PHASE-FREQ. DETECTOR, 10 - 1300, MHz w/ 5-BIT COUNTER, 10 - 2800 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC440QS16G Datasheet(HTML) 10 Page - Hittite Microwave Corporation

Back Button HMC440QS16G Datasheet HTML 2Page - Hittite Microwave Corporation HMC440QS16G Datasheet HTML 3Page - Hittite Microwave Corporation HMC440QS16G Datasheet HTML 4Page - Hittite Microwave Corporation HMC440QS16G Datasheet HTML 5Page - Hittite Microwave Corporation HMC440QS16G Datasheet HTML 6Page - Hittite Microwave Corporation HMC440QS16G Datasheet HTML 7Page - Hittite Microwave Corporation HMC440QS16G Datasheet HTML 8Page - Hittite Microwave Corporation HMC440QS16G Datasheet HTML 9Page - Hittite Microwave Corporation HMC440QS16G Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
5
5 - 111
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
CMOS/TTL Input Characteristics
Maximum Input Logic “0” Voltage (V
IL MAXIMUM
) = 1.1V @ 10 uA.
Minimum Input Logic “1” Voltage (V
IH MINIMUM
) = 1.8V @ 500 uA.
Input IV characteristics for the logic inputs (A0-A4) are shown below:
-0.1
0
0.1
0.2
0.3
0.4
01
23
45
Input Voltage (V)
V
IL MAX
V
IH MIN
HMC440QS16G / 440QS16GE
v02.0705
HBT DIGITAL PHASE-FREQ. DETECTOR,
10 - 1300, MHz w/ 5-BIT COUNTER, 10 - 2800 MHz


Similar Part No. - HMC440QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC440QS16G HITTITE-HMC440QS16G Datasheet
452Kb / 10P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz, w/ INTEGRATED 5-BIT COUNTER, 10 - 2800 MHz
HMC440QS16G HITTITE-HMC440QS16G Datasheet
388Kb / 10P
   2.8 GHz INTEGER-N SYNTHESIZER
logo
Analog Devices
HMC440QS16G AD-HMC440QS16G Datasheet
593Kb / 10P
   2.8 GHz INTEGER-N SYNTHESIZER
logo
Hittite Microwave Corpo...
HMC440QS16GE HITTITE-HMC440QS16GE Datasheet
388Kb / 10P
   2.8 GHz INTEGER-N SYNTHESIZER
HMC440QS16G HITTITE-HMC440QS16G_08 Datasheet
388Kb / 10P
   2.8 GHz INTEGER-N SYNTHESIZER
More results

Similar Description - HMC440QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC440QS16G HITTITE-HMC440QS16G Datasheet
452Kb / 10P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz, w/ INTEGRATED 5-BIT COUNTER, 10 - 2800 MHz
HMC439QS16G HITTITE-HMC439QS16G_06 Datasheet
469Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
HMC439QS16G HITTITE-HMC439QS16G_08 Datasheet
309Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
HMC439QS16G HITTITE-HMC439QS16G Datasheet
344Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
logo
Analog Devices
HMC439QS16G AD-HMC439QS16G Datasheet
441Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
HMC3716LP4E AD-HMC3716LP4E Datasheet
1Mb / 11P
   HBT DIGITAL PHASE FREQUENCY DETECTOR 10 - 1300MHz
logo
Teledyne Technologies I...
SJ1301 TELEDYNE-SJ1301 Datasheet
98Kb / 1P
   5 TO 1300 MHz 10-PIN GULLWING SJ1301 SPDT SWITCH
UTD2002 TELEDYNE-UTD2002 Datasheet
106Kb / 4P
   Threshold Detector 10 to 2000 MHz
AP1309 TELEDYNE-AP1309 Datasheet
166Kb / 2P
   10 TO 1300 MHz TO-8 CASCADABLE AMPLIFIER
UTD2004 TELEDYNE-UTD2004 Datasheet
129Kb / 5P
   Threshold Detector 10 to 2000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com