Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

440QS16GE Datasheet(PDF) 9 Page - Hittite Microwave Corporation

Part # 440QS16GE
Description  HBT DIGITAL PHASE-FREQ. DETECTOR, 10 - 1300, MHz w/ 5-BIT COUNTER, 10 - 2800 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

440QS16GE Datasheet(HTML) 9 Page - Hittite Microwave Corporation

Back Button 440QS16GE Datasheet HTML 2Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 3Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 4Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 5Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 6Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 7Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 8Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 9Page - Hittite Microwave Corporation 440QS16GE Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
5
5 - 110
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Synchronous Programming
For applications which can not tolerate a momentary undefined division ratio, which normally occurs while changing
the data bits (A0-A4) at random, synchronous programming can be used. Data is loaded into the counter on every
rising edge of the clock which occurs while the output (OUT) is “HIGH”. The typical minimum setup and hold times are
shown in the table below as a function of frequency. For precision applications, the rising edge of the complementary
output may be used to latch the new data bits (A0-A4), so that all bits are settled before the next load cycle.
T
SETTLING MAX
= N/f
IN
(For Synchronous Programming)
Where N is the desired division ratio, and f
IN
= Input Frequency (Hz)
Programmable Divider Timing Requirements
for Synchronous Programming
IN
OUT
OUT
CURRENT DATA
NEW DATA
A0-A4
t
SU
t
HOLD
Data Load
Rising Edge
Rising Edge to
Clock New Data
Parameter
0.5 GHz
1 GHz
2 GHz
t
SETUP
200 ps
200 ps
200 ps
t
HOLD
700 ps
300 ps
120 ps
HMC440QS16G / 440QS16GE
v02.0705
HBT DIGITAL PHASE-FREQ. DETECTOR,
10 - 1300, MHz w/ 5-BIT COUNTER, 10 - 2800 MHz


Similar Part No. - 440QS16GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
440QS16GE HITTITE-440QS16GE Datasheet
388Kb / 10P
   2.8 GHz INTEGER-N SYNTHESIZER
logo
Analog Devices
440QS16GE AD-440QS16GE Datasheet
593Kb / 10P
   2.8 GHz INTEGER-N SYNTHESIZER
More results

Similar Description - 440QS16GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC440QS16G HITTITE-HMC440QS16G Datasheet
452Kb / 10P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz, w/ INTEGRATED 5-BIT COUNTER, 10 - 2800 MHz
HMC439QS16G HITTITE-HMC439QS16G_06 Datasheet
469Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
HMC439QS16G HITTITE-HMC439QS16G_08 Datasheet
309Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
HMC439QS16G HITTITE-HMC439QS16G Datasheet
344Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
logo
Analog Devices
HMC439QS16G AD-HMC439QS16G Datasheet
441Kb / 6P
   HBT DIGITAL PHASE-FREQUENCY DETECTOR, 10 - 1300 MHz
HMC3716LP4E AD-HMC3716LP4E Datasheet
1Mb / 11P
   HBT DIGITAL PHASE FREQUENCY DETECTOR 10 - 1300MHz
logo
Teledyne Technologies I...
SJ1301 TELEDYNE-SJ1301 Datasheet
98Kb / 1P
   5 TO 1300 MHz 10-PIN GULLWING SJ1301 SPDT SWITCH
UTD2002 TELEDYNE-UTD2002 Datasheet
106Kb / 4P
   Threshold Detector 10 to 2000 MHz
AP1309 TELEDYNE-AP1309 Datasheet
166Kb / 2P
   10 TO 1300 MHz TO-8 CASCADABLE AMPLIFIER
UTD2004 TELEDYNE-UTD2004 Datasheet
129Kb / 5P
   Threshold Detector 10 to 2000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com