Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC436MS8G Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC436MS8G
Description  GaAs MMIC DPDT DIVERSITY OR SP3T SWITCH, 4.9 - 5.9 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC436MS8G Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC436MS8G Datasheet HTML 1Page - Hittite Microwave Corporation HMC436MS8G Datasheet HTML 2Page - Hittite Microwave Corporation HMC436MS8G Datasheet HTML 3Page - Hittite Microwave Corporation HMC436MS8G Datasheet HTML 4Page - Hittite Microwave Corporation HMC436MS8G Datasheet HTML 5Page - Hittite Microwave Corporation HMC436MS8G Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
9
9 - 266
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 4
ANT1, ANT2
These pins are DC coupled and matched to 50 Ohms.
Blocking capacitors are required.
2, 3, 6, 7
V1, V2, V4, V3
See truth and control voltage tables.
5, 8
Rx, Tx
These pins are DC coupled and matched to 50 Ohms.
Blocking capacitors are required.
GND
Package bottom has exposed metal paddle that must be
connected to PCB RF ground.
HMC436MS8G / 436MS8GE
v04.0607
GaAs MMIC DPDT DIVERSITY OR
SP3T SWITCH, 4.9 - 5.9 GHz


Similar Part No. - HMC436MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC436MS8G HITTITE-HMC436MS8G Datasheet
294Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 4.9 - 5.9 GHz
HMC436MS8G HITTITE-HMC436MS8G_10 Datasheet
490Kb / 6P
   GaAs MMIC DPDT DIVERSITY OR SP3T SWITCH, 4.9 - 5.9 GHz
More results

Similar Description - HMC436MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC436MS8G HITTITE-HMC436MS8G_10 Datasheet
490Kb / 6P
   GaAs MMIC DPDT DIVERSITY OR SP3T SWITCH, 4.9 - 5.9 GHz
HMC436MS8G HITTITE-HMC436MS8G Datasheet
294Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 4.9 - 5.9 GHz
HMC393MS8G HITTITE-HMC393MS8G_07 Datasheet
279Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
HMC393MS8G HITTITE-HMC393MS8G Datasheet
258Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5.0 - 6.0 GHz
HMC393MS8G HITTITE-HMC393MS8G_08 Datasheet
234Kb / 6P
   GaAs MMIC DPDT DIVERSITY SWITCH, 5 - 6 GHz
logo
M/A-COM Technology Solu...
MASWSS0175 MA-COM-MASWSS0175_15 Datasheet
557Kb / 5P
   GaAs DPDT Diversity Switch
logo
Hittite Microwave Corpo...
HMC415LP3 HITTITE-HMC415LP3_09 Datasheet
278Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
logo
M/A-COM Technology Solu...
MASW-009460 MA-COM-MASW-009460_15 Datasheet
672Kb / 6P
   GaAs DPDT Diversity Switch
logo
Tyco Electronics
MASWSS0175 MACOM-MASWSS0175 Datasheet
192Kb / 4P
   GaAs DPDT Diversity Switch 4.5 - 6.0 GHz
logo
M/A-COM Technology Solu...
MASW-009460 MA-COM-MASW-009460 Datasheet
149Kb / 5P
   GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com