Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NX3L1G66 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NX3L1G66
Description  Low-voltage analog switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NX3L1G66 Datasheet(HTML) 3 Page - NXP Semiconductors

  NX3L1G66 Datasheet HTML 1Page - NXP Semiconductors NX3L1G66 Datasheet HTML 2Page - NXP Semiconductors NX3L1G66 Datasheet HTML 3Page - NXP Semiconductors NX3L1G66 Datasheet HTML 4Page - NXP Semiconductors NX3L1G66 Datasheet HTML 5Page - NXP Semiconductors NX3L1G66 Datasheet HTML 6Page - NXP Semiconductors NX3L1G66 Datasheet HTML 7Page - NXP Semiconductors NX3L1G66 Datasheet HTML 8Page - NXP Semiconductors NX3L1G66 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
NX3L1G66_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 3 January 2008
3 of 16
NXP Semiconductors
NX3L1G66
Low-voltage analog switch
7.2 Pin description
8.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level
9.
Limiting values
[1]
The minimum input voltage rating may be exceeded if the input current rating is observed.
[2]
The minimum and maximum switch voltage ratings may be exceeded if the switch clamping current rating is observed.
[3]
For XSON6 packages: above 45
°C the value of Ptot derates linearly with 2.4 mW/K.
Table 3.
Pin description
Symbol
Pin
Description
Y
1
independent input or output
Z
2
independent input or output
GND
3
ground (0 V)
E
4
enable input (active HIGH)
n.c.
5
not connected
VCC
6
supply voltage
Table 4.
Function table[1]
Input E
Switch
L
OFF-state
H
ON-state
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
−0.5
+4.6
V
VI
input voltage
[1]
−0.5
+4.6
V
VSW
switch voltage
[2]
−0.5
VCC + 0.5 V
IIK
input clamping current
VI < −0.5 V
−50
-
mA
ISK
switch clamping current
VI < −0.5 V or VI >VCC + 0.5 V
-
±50
mA
ISW
switch current
VSW > −0.5 V or VSW < VCC + 0.5 V;
source or sink current
-
±350
mA
VSW > −0.5 V or VSW < VCC + 0.5 V;
pulsed at 1 ms duration, < 10% duty cycle;
peak current
-
±500
mA
Tstg
storage temperature
−65
+150
°C
Ptot
total power dissipation
Tamb = −40 °C to +125 °C
[3] -
250
mW


Similar Part No. - NX3L1G66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3L1G66 NXP-NX3L1G66 Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 06-18 August 2009
NX3L1G66 NXP-NX3L1G66 Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
NX3L1G66GM NXP-NX3L1G66GM Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 06-18 August 2009
NX3L1G66GM NXP-NX3L1G66GM Datasheet
175Kb / 19P
   Low-ohmic single-pole single-throw analog switch
Rev. 8-9 November 2011
NX3L1G66GW NXP-NX3L1G66GW Datasheet
145Kb / 18P
   Low-ohmic single-pole single-throw analog switch
Rev. 06-18 August 2009
More results

Similar Description - NX3L1G66

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3V1T66 NXP-NX3V1T66 Datasheet
125Kb / 18P
   Low-voltage analog switch
Rev. 02-24 July 2008
NX3V1G66 NXP-NX3V1G66 Datasheet
122Kb / 17P
   Low-voltage analog switch
Rev. 02-28 July 2008
logo
SG Micro Corp
SGM84782 SGMICRO-SGM84782_15 Datasheet
335Kb / 11P
   Low Voltage Analog Switch/Multiplexer
logo
ON Semiconductor
FSA3357 ONSEMI-FSA3357 Datasheet
361Kb / 13P
   Low Voltage SP3T Analog Switch
Revised August 2005
logo
Global Mixed-mode Techn...
G3201 GMT-G3201 Datasheet
165Kb / 1P
   Low-Voltage SPDT Analog Switch
logo
ON Semiconductor
FSA1156 ONSEMI-FSA1156 Datasheet
1Mb / 13P
   Low-Voltage SPST Analog Switch
January 2016 Rev. 1.9
FSA4157 ONSEMI-FSA4157 Datasheet
376Kb / 13P
   Low-Voltage, SPDT Analog Switch
March 2014 Rev. 1.1.1
FSA5157 ONSEMI-FSA5157 Datasheet
502Kb / 14P
   Low-Voltage SPDT Analog Switch
February 2008 Rev. 1.0.3
logo
Union Semiconductor, In...
UM3156 UNIONSEMI-UM3156 Datasheet
390Kb / 9P
   Low-Voltage SPDT Analog Switch
UM3157 UNIONSEMI-UM3157 Datasheet
350Kb / 8P
   Low-Voltage SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com