Electronic Components Datasheet Search |
|
ISO7242M Datasheet(PDF) 1 Page - Texas Instruments |
|
|
ISO7242M Datasheet(HTML) 1 Page - Texas Instruments |
1 / 25 page 1 FEATURES APPLICATIONS DESCRIPTION 1 2 3 4 5 6 7 8 ISO7240 9 10 11 12 13 14 15 16 NC INA GND1 VCC1 GND1 GND2 GND2 INB INC OUTA OUTC OUTB EN VCC2 IND OUTD 1 2 3 4 5 6 7 8 ISO7241 9 10 11 12 13 14 15 16 INA GND1 VCC1 GND1 GND2 GND2 INB INC OUTA OUTC OUTB VCC2 IND OUTD EN2 EN1 1 2 3 4 5 6 7 8 ISO7242 9 10 11 12 13 14 15 16 INA GND1 VCC1 GND1 GND2 GND2 INB OUTA OUTB VCC2 IND OUTD EN2 EN1 OUTC INC ISO7240 ISO7241 ISO7242 SLLS868A – SEPTEMBER 2007 – REVISED DECEMBER 2007 www.ti.com QUAD DIGITAL ISOLATORS • 1, 25, and 150-Mbps Signaling Rate Options • High Electromagnetic Immunity (see application report SLLA181) – Low Channel-to-Channel Output Skew; • –40°C to 125°C Operating Range 1 ns Max – Low Pulse-Width Distortion (PWD); 2 ns Max • Industrial Fieldbus – Low Jitter Content; 1 ns Typ at 150 Mbps • Computer Peripheral Interface • Typical 25-Year Life at Rated Working Voltage • Servo Control Interface (see application note SLLA197 and Figure 15) • Data Acquisition • 4000-V peak Isolation, 560-Vpeak Working Voltage • UL 1577 Certified • 4 kV ESD Protection • Operate With 3.3-V or 5-V Supplies The ISO7240, ISO7241 and ISO7242 are quad-channel digital isolators with multiple channel configurations and output enable functions. These devices have logic input and output buffers separated by TI’s silicon dioxide (SiO2) isolation barrier. Used in conjunction with isolated power supplies, these devices block high voltage, isolate grounds, and prevent noise currents from entering the local ground and interfering with or damaging sensitive circuitry. The ISO7240 has all four channels in the same direction while the ISO7241 has three channels the same direction and one channel in opposition. The ISO7242 has two channels in each direction. The A and C option devices have TTL input thresholds and a noise-filter at the input that prevents transient pulses from being passed to the output of the device. The M option devices have CMOS Vcc/2 input thresholds and do not have the input noise-filter or the additional propagation delay. A periodic update pulse is sent across the barrier to ensure the proper dc level of the output. If this dc-refresh pulse is not received, the input is assumed to be unpowered or not being actively driven, and the failsafe circuit drives the output to a logic high state. (Contact TI for a logic low failsafe option). These devices may be powered from either 3.3-V or 5-V supplies on either side in any 3.3-V / 3.3-V, 5-V / 5-V, 5-V / 3.3-V, or 3.3-V / 5-V combination. Note that the signal input pins are 5-V tolerant regardless of the voltage supply level being used. These devices are characterized for operation over the ambient temperature range of –40 °C to 125°C. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2007, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - ISO7242M |
|
Similar Description - ISO7242M |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |