Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5103 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SM5103
Description  HIGH SENSITIVITY, LOW-PRESSURE SILICON DIE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM5103 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM5103 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5103 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SILICON
MICROSTRUCTURES
I NCO R P O R AT ED
 2001-2002
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ Sales@Si-Micro.Com ♦ WWW.Si-Micro.Com
SM5103
Low-Pressure Die
• HIGH SENSITIVITY, LOW-PRESSURE SILICON DIE
DESCRIPTION
The SM5103 is a silicon micro-machined,
piezoresistive low pressure sensing chip.
These devices are available in full-scale
ranges from 0.3 to 3.0 psi and are ideal for
OEM and high volume applications.
Provided in die form, these sensors can be
mounted on ceramic or PC board substrates
as part of an OEM system. They also may
be packaged into proprietary or application-
specified sensor lines.
Die are probed, inked and diced, and
shipped on tape.
Custom pressure ranges available in high-
volume applications.
FEATURES
Low Pressure (from 0-0.3 to 0-3.0 PSI)
High Performance at Low Pressures
Constant Current or Constant Voltage
Drive
High Volume, Low Cost
High Millivolt Output
APPLICATIONS
Air Flow
Level Detection
HVAC
Instrumentation
Gas Analysis
Rev 1.2 8_02


Similar Part No. - SM5103

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM5103-003-GX ETC2-SM5103-003-GX Datasheet
445Kb / 4P
   SMi PRESSURE SENSORS
SM5103-008-GX ETC2-SM5103-008-GX Datasheet
445Kb / 4P
   SMi PRESSURE SENSORS
SM5103-015-GX ETC2-SM5103-015-GX Datasheet
445Kb / 4P
   SMi PRESSURE SENSORS
SM5103 ETC2-SM5103_13 Datasheet
445Kb / 4P
   SMi PRESSURE SENSORS
More results

Similar Description - SM5103

ManufacturerPart #DatasheetDescription
logo
Silicon Microstructures...
SM30G SMI-SM30G Datasheet
646Kb / 6P
   OEM Silicon Pressure Die
SM9520A SMI-SM9520A Datasheet
631Kb / 6P
   OEM Silicon Pressure Die
logo
List of Unclassifed Man...
SM5108C-015-AX ETC2-SM5108C-015-AX Datasheet
473Kb / 4P
   OEM Silicon Pressure Die
SM5102 ETC2-SM5102 Datasheet
294Kb / 2P
   OEM Silicon Pressure Die
logo
Silicon Microstructures...
SM5108E SMI-SM5108E Datasheet
612Kb / 6P
   OEM Silicon Pressure Die
SM30D SMI-SM30D Datasheet
670Kb / 6P
   OEM Silicon Pressure Die
logo
List of Unclassifed Man...
SM5112 ETC2-SM5112 Datasheet
176Kb / 2P
   Harsh Environment Absolute Silicon Pressure Die
SM5106 ETC2-SM5106 Datasheet
222Kb / 2P
   Small, Low Cost OEM Pressure Die
logo
Fairchild Semiconductor
FPT120 FAIRCHILD-FPT120 Datasheet
47Kb / 1P
   High Sensitivity Silicon Phototransistors
logo
List of Unclassifed Man...
SM5108 ETC2-SM5108 Datasheet
784Kb / 2P
   Ultra-Small, Low-Cost,OEM Pressure Die
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com