Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5112-150-A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SM5112-150-A
Description  Harsh Environment Absolute Silicon Pressure Die
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM5112-150-A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM5112-150-A Datasheet HTML 1Page - List of Unclassifed Manufacturers SM5112-150-A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SM5112
 2003
Silicon Microstructures, Inc.
♦ 1701 McCarthy Blvd. ♦ Milpitas, CA 95035 USA
Tel: 408-577-0100
♦ Fax: 408-577-0123 ♦ sales@ si-micro.com ♦ www.si-micro.com
Cross-section of SM5112
Back port hole is 0.8 mm. Silicon is 0.4
mm; top and bottom glass is 0.5 mm
CHARACTERISTICS FOR SM5112 - SPECIFICATIONS
All parameters are measured at 5.000V supply at room temperature, unless otherwise specified.
Min
Typ
Max
Units
Notes
Excitation Voltage
0
5
10
V
1
Excitation Current
0
1.5
3
mA
Span (FS Range)
15 psi
30 psi
60 psi
150 psi
300 psi
75
85
85
100
100
125
125
125
145
145
150
150
150
195
195
mV
mV
mV
mV
mV
2
Offset
-50
0
50
mV
TC Span
-24
-19
-15.5
%FS/100
oC
3
TC Offset
-15
2
+15
%FS/100
oC
TC Resistance
17
26
31
%/100
oC
Linearity
-0.3
0.3
%FS
4
Bridge Impedance
4.0
5.0
6.0
kohm
Proof Pressure
3X
Rated FS
Burst Pressure
5X
Rated FS
Operating Temperature
-40
125
oC
Storage Temperature
-55
150
oC
Notes:
1.
Bridge may be driven with positive or negative voltage
as long as Vsub is not connected. Positive output for positive pressure
applied to bottom side of die when bridge is driven with positive voltage.
2.
Measured at 5V constant voltage excitation.
3.
Measured from 0 to 70 C
4.
Defined as best straight line.
Top view of SM5112 die
(2 mm square as sawn)
Covered under USA Mask-Copyright and may be covered
under US Patent Numbers 5,812,047 and 6,089,099
Pin
Function
1
Subs
2
N/C
3
Vext+
4
Sig+
5
Gnd
6
Sig-
7
N/C
Pin-out from Left to
Right in accompanying
figure.
Notice:
Silicon Microstructures, Inc. reserves the right to make changes to the product contained in this publication. Silicon Microstructures, Inc. assumes no responsibility for the use of any
circuits described herein, conveys no license under any patent or other right, and makes no representation that the circuits are free of patent infringement. While the information in this
publication has been checked, no responsibility, however, is assumed for inaccuracies.
Silicon Microstructures, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can reasonably be expected to
cause failure of a life-support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such applications.
Pressure Ranges
PSI
5112
15
015
30
030
60
060
150
150
300
300
Custom ranges available in high volumes
ORDERING INFORMATION:
Rev 1.1 10_04


Similar Part No. - SM5112-150-A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SM51108EL BOURNS-SM51108EL Datasheet
157Kb / 1P
   SM51108L 10/100 Base Tx VolP Modules (Power over Ethernet - PoE)
SM51108L BOURNS-SM51108L Datasheet
157Kb / 1P
   10/100 Base Tx VolP Modules (Power over Ethernet - PoE)
More results

Similar Description - SM5112-150-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM2120-005-G ETC2-SM2120-005-G Datasheet
488Kb / 4P
   Harsh Environment Differential Pressure Die
SM9221-030-A-D ETC2-SM9221-030-A-D Datasheet
306Kb / 4P
   HARSH MEDIA ABSOLUTE PRESSURE DIE
logo
Intersema Sensoric SA
MS7207-A2 INTERSEMA-MS7207-A2 Datasheet
204Kb / 5P
   PRESSURE SENSOR DIE (0-7 BAR) FOR HARSH ENVIRONMENT
MS7204-A2 INTERSEMA-MS7204-A2 Datasheet
202Kb / 5P
   PRESSURE SENSOR DIE (0-4 BAR) FOR HARSH ENVIRONMENT
MS7218-A2 INTERSEMA-MS7218-A2 Datasheet
235Kb / 4P
   PRESSURE SENSOR DIE (0-18 BAR) FOR HARSH ENVIRONMENT
MS7212-A2 INTERSEMA-MS7212-A2 Datasheet
204Kb / 5P
   PRESSURE SENSOR DIE (0-12 BAR) FOR HARSH ENVIRONMENT
MS7228 INTERSEMA-MS7228 Datasheet
229Kb / 4P
   PRESSURE SENSOR DIE (0-28 BAR) FOR HARSH ENVIRONMENT
MS7202-A2 INTERSEMA-MS7202-A2 Datasheet
202Kb / 5P
   PRESSURE SENSOR DIE (0-2 BAR) FOR HARSH ENVIRONMENT
MS7212 INTERSEMA-MS7212_08 Datasheet
228Kb / 4P
   PRESSURE SENSOR DIE (0-12 BAR) FOR HARSH ENVIRONMENT
MS7212 INTERSEMA-MS7212 Datasheet
256Kb / 4P
   PRESSURE SENSOR DIE (0-12 BAR) FOR HARSH ENVIRONMENT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com